Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66 Datasheet(PDF) 21 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 17Page - SMSC Corporation COM90C66 Datasheet HTML 18Page - SMSC Corporation COM90C66 Datasheet HTML 19Page - SMSC Corporation COM90C66 Datasheet HTML 20Page - SMSC Corporation COM90C66 Datasheet HTML 21Page - SMSC Corporation COM90C66 Datasheet HTML 22Page - SMSC Corporation COM90C66 Datasheet HTML 23Page - SMSC Corporation COM90C66 Datasheet HTML 24Page - SMSC Corporation COM90C66 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
21
Table 4 – Write Register Summary
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
WRITE
16EN
CCHEN DECODE ET1
ET2
WAIT
IO-
ACCESS
TXOFF
A7
A6
A5
A4
A3
A2
A1
A0
AUTO-
INC
A10
A9
A8
RI
0
RECON
TA
NID0
NID1
NID2
NID3
NID4
NID5
NID6
NID7
D0
D1
D2
D3
D4
D5
D6
D7
D12
D13
D14
D15
ADDRESS
RESET
RESET
RESET
DATA
LOW
ADDRESS
PTR LOW
ADDRESS
PTR HIGH
CONFIG-
URATION
NODE
ID
RESERVED
RESET
INTERRUPT
MASK
COMMAND
EXTERNAL
RESERVED
RESERVED
REGISTER
REGISTER
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
D11
D10
D9
D8
DATA
HIGH
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com