Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 37 Page - Texas Instruments

Back Button REF70 Datasheet HTML 33Page - Texas Instruments REF70 Datasheet HTML 34Page - Texas Instruments REF70 Datasheet HTML 35Page - Texas Instruments REF70 Datasheet HTML 36Page - Texas Instruments REF70 Datasheet HTML 37Page - Texas Instruments REF70 Datasheet HTML 38Page - Texas Instruments REF70 Datasheet HTML 39Page - Texas Instruments REF70 Datasheet HTML 40Page - Texas Instruments REF70 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
www.ti.com
PACKAGE OUTLINE
5.15
4.85
4.58 MAX
1.6 MAX
(2)
7X
1.2
0.8
8X
0.84
0.44
2X
2.54
0.2
4X 1.27
0.2
0.75
0.55
TYP
(0.1) TYP
(R0.2) TYP
LCCC - 1.6 mm max height
FKH0008A
LEADLESS CERAMIC CHIP CARRIER
4222330/D 09/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M
2. This drawing is subject to change without notice.
3. Terminals are gold plated.
NOTE 3
PKG
PKG
1
3
4
5
7
8
TYP
NOTE 3
TYP
NOTE 3
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com