Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF70 Datasheet HTML 16Page - Texas Instruments REF70 Datasheet HTML 17Page - Texas Instruments REF70 Datasheet HTML 18Page - Texas Instruments REF70 Datasheet HTML 19Page - Texas Instruments REF70 Datasheet HTML 20Page - Texas Instruments REF70 Datasheet HTML 21Page - Texas Instruments REF70 Datasheet HTML 22Page - Texas Instruments REF70 Datasheet HTML 23Page - Texas Instruments REF70 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Noise (ppmp-p)
0
0.08
0.16
0.24
0.32
0.4
0.48
0.56
0.64
Figure 8-7. 0.1-Hz to 10-Hz Voltage Noise Distribution
The 1/f noise is in such a low frequency range that it is not practical to filter out which makes it a key parameter
for ultra-low noise measurements. Noise sensitive designs must use the lowest 1/f noise for the highest precision
measurements. Figure 8-8 shows the effect of 1/f noise over 10s.
Time 1s/div
Figure 8-8. 0.1-Hz to 10-Hz Voltage Noise
8.4.2 Broadband Noise
Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is
usually flat and uniform over frequency as shown in Figure 8-10. The broadband noise is measured by high-pass
filtering the output of the REF70 and measuring the result on a spectrum analyzer as shown in Figure 8-9.
The DC component of the REF70 is removed by using a high-pass filter and then amplified. When measuring
broadband noise, it is not necessary to have high gain in order to achieve maximum bandwidth.
REF70xx
GND
OUTS
OUTF
VIN EN
VIN
CL
CIN
VREFP
Spectrum
Analyzer
Post Amplifier
G = 11
High-pass Filter
G = 11
Figure 8-9. Broadband Noise Test Setup
For noise sensitive designs, a low-pass filter can be used to reduce broadband noise output noise levels by
removing the high frequency components. When designing a low-pass filter special care must be taken to
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com