Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF70 Datasheet HTML 19Page - Texas Instruments REF70 Datasheet HTML 20Page - Texas Instruments REF70 Datasheet HTML 21Page - Texas Instruments REF70 Datasheet HTML 22Page - Texas Instruments REF70 Datasheet HTML 23Page - Texas Instruments REF70 Datasheet HTML 24Page - Texas Instruments REF70 Datasheet HTML 25Page - Texas Instruments REF70 Datasheet HTML 26Page - Texas Instruments REF70 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
9 Detailed Description
9.1 Overview
The REF70 is family of ultra low-noise, precision bandgap voltage references that are specifically designed for
excellent initial voltage accuracy and drift. The Section 9.2 is a simplified block diagram of the REF70 showing
basic band-gap topology.
9.2 Functional Block Diagram
EN
Enable
Controller
Digital
Core
Bandgap
Core
Reference
Buffer
OUTF
+
Å
OUTS
VIN
GND
VIN
REN
9.3 Feature Description
9.3.1 EN Pin
The EN pin of the REF70 has an internal 16 MΩ pull-up resistor (REN) to VIN. This allows the EN pin of the
REF70 to be left floating. When the EN pin of the REF70 is pulled high, the device is in active mode. The device
must be in active mode for normal operation. The REF70 can be placed in shutdown mode by pulling the EN pin
low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of
the device reduces to 12 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage.
See the Section 7.6 for logic high and logic low voltage levels.
9.4 Device Functional Modes
9.4.1 Basic Connections
Figure 9-1 shows the typical connections for the REF70. TI recommends a supply bypass capacitor (CIN)
ranging from 0.1-μF to 10-μF. A 1-μF to 100-μF output capacitor (CL) must be connected from OUTF to GND.
The equivalent series resistance (ESR) value of CL must be 10mΩ to 400mΩ to ensure output stability.
REF7025
Copyright © 2020, Texas Instruments Incorporated
GND
OUTS
OUTF
VIN
EN
AVDD
VOUT
CL
CIN
Figure 9-1. Basic Connections
9.4.2 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF70 and OPA211 can be used to
provide a dual-supply reference from a 5-V supply. Figure 9-2 shows the REF70 used to provide a 2.5-V supply
reference voltage and -2.5V negative reference voltage. The low noise performance of the REF70 complements
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com