Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 38 Page - Texas Instruments

Back Button REF70 Datasheet HTML 33Page - Texas Instruments REF70 Datasheet HTML 34Page - Texas Instruments REF70 Datasheet HTML 35Page - Texas Instruments REF70 Datasheet HTML 36Page - Texas Instruments REF70 Datasheet HTML 37Page - Texas Instruments REF70 Datasheet HTML 38Page - Texas Instruments REF70 Datasheet HTML 39Page - Texas Instruments REF70 Datasheet HTML 40Page - Texas Instruments REF70 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(4.4)
4X (1.27)
(1.75)
(2.2)
7X (1.6)
8X (0.7)
(2.5)
(R0.05)
LCCC - 1.6 mm max height
FKH0008A
LEADLESS CERAMIC CHIP CARRIER
4222330/D 09/2022
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:10X
1
3
4
5
7
8
SYMM
PKG
PKG
SOLDER MASK
OPENING
METAL
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com