Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U-KBX Datasheet(PDF) 62 Page - STMicroelectronics

Part # FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Datasheet(HTML) 62 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 58Page - STMicroelectronics FDA803U-KBX Datasheet HTML 59Page - STMicroelectronics FDA803U-KBX Datasheet HTML 60Page - STMicroelectronics FDA803U-KBX Datasheet HTML 61Page - STMicroelectronics FDA803U-KBX Datasheet HTML 62Page - STMicroelectronics FDA803U-KBX Datasheet HTML 63Page - STMicroelectronics FDA803U-KBX Datasheet HTML 64Page - STMicroelectronics FDA803U-KBX Datasheet HTML 65Page - STMicroelectronics FDA803U-KBX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
I2C register
FDA803U
62/76
DS12497 Rev 2
Table 14. IB1-ADDR: “I0000001”
Data bit
Default value
Definition
D7 - D6
00
Digital input frame sync frequency (Fs):
D7-D6 Frame sync (WS) frequency
00
44.1 kHz
01
48 kHz
10
96 kHz
11
192 kHz
D5
0
Reserved
D4 - D3
00
Switching frequency expressed in kHz.
D4-D3 I2S frame sync frequencies (WS) [kHz]
44.1
48
96
192
00
308.7
336
384
384
01
352.8
384
384
384
10
396.9
432
384
384
11
Reserved
Reserved
Reserved
Reserved
D2
0
0 - PWM amplifier clock not dithered
1 - PWM amplifier clock dithered
D1
0
Reserved
D0
0
0 - PWM in phase (BD mode)
1 - PWM out of phase (AD mode)
Slow slope configuration must be used (IB11,D3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com