Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U-KBX Datasheet(PDF) 29 Page - STMicroelectronics

Part # FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 25Page - STMicroelectronics FDA803U-KBX Datasheet HTML 26Page - STMicroelectronics FDA803U-KBX Datasheet HTML 27Page - STMicroelectronics FDA803U-KBX Datasheet HTML 28Page - STMicroelectronics FDA803U-KBX Datasheet HTML 29Page - STMicroelectronics FDA803U-KBX Datasheet HTML 30Page - STMicroelectronics FDA803U-KBX Datasheet HTML 31Page - STMicroelectronics FDA803U-KBX Datasheet HTML 32Page - STMicroelectronics FDA803U-KBX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
DS12497 Rev 2
29/76
FDA803U
Muting function architecture
75
7.2
Analog-Mute
Analog-Mute senses when the mute command signal transits across the muting window,
and attenuates the output signal proportionally to the command signal level inside the
muting window.
Figure 40. Analog-Mute diagram
7.3
Digital-Mute
Digital-Mute acts on the digitally elaborated output signal attenuating it gradually to zero with
digital steps in a pre-defined time frame (tmute). The muting time, (tmute), can be selected by
I2C, (IB6 d7-d6). There are two different actions performed by digital-mute function:
Mute: it starts when any mute command signal, marked as Mixed Mute in Table 7, enters in
the muting window. This event rises the Start-Analog-Mute signal, communicated on
DB6[4]. The muting ends after tmute, selectable through IB6[7-6]. The Start-Analog-Mute
signal is ignored until the muting ramp has ended.
Approximately, the corresponding analog mute attenuation at the beginning of the muting
window is 0.5dB.
UnMute: it starts when all the mute commands, marked with Mixed Mute in Table 7, exit
from the muting window. This event resets the Start-Analog-Mute signal, communicated on
DB6[4]. The unmuting ends after tmute, selectable through IB6[7-6]. The Start-Analog-Mute
signal is ignored until the unmuting ramp has ended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com