Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U-KBX Datasheet(PDF) 26 Page - STMicroelectronics

Part # FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 22Page - STMicroelectronics FDA803U-KBX Datasheet HTML 23Page - STMicroelectronics FDA803U-KBX Datasheet HTML 24Page - STMicroelectronics FDA803U-KBX Datasheet HTML 25Page - STMicroelectronics FDA803U-KBX Datasheet HTML 26Page - STMicroelectronics FDA803U-KBX Datasheet HTML 27Page - STMicroelectronics FDA803U-KBX Datasheet HTML 28Page - STMicroelectronics FDA803U-KBX Datasheet HTML 29Page - STMicroelectronics FDA803U-KBX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Finite state machine
FDA803U
26/76
DS12497 Rev 2
6.5
MUTE-PLAY and diagnostic states
The amplifier can move from ECO-mode state to MUTE state selecting "PWM-ON" via I2C.
This operation turns-on the output PWM.
FDA803U can move to PLAY state (from MUTE state) via "PLAY" I2C command and returns
to MUTE state from PLAY state acting on the same bit.
Transition time between mute and play states could be selected via I2C.
Some external conditions could lead the amplifier in mute state automatically:
Low battery mute
High battery mute
Thermal mute
Hardware pin mute
Once mute condition is no more present the FDA803U will return automatically in PLAY
state, following I2C register program set.
Of course the user can decide to change the amplifier programming in the meanwhile, thus
avoiding the automatic return in PLAY.
From MUTE state the user can also select to enter DC diagnostic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com