Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U-KBX Datasheet(PDF) 25 Page - STMicroelectronics

Part # FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 21Page - STMicroelectronics FDA803U-KBX Datasheet HTML 22Page - STMicroelectronics FDA803U-KBX Datasheet HTML 23Page - STMicroelectronics FDA803U-KBX Datasheet HTML 24Page - STMicroelectronics FDA803U-KBX Datasheet HTML 25Page - STMicroelectronics FDA803U-KBX Datasheet HTML 26Page - STMicroelectronics FDA803U-KBX Datasheet HTML 27Page - STMicroelectronics FDA803U-KBX Datasheet HTML 28Page - STMicroelectronics FDA803U-KBX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
DS12497 Rev 2
25/76
FDA803U
Finite state machine
75
6.2
Standby state
ENABLE1, ENABLE2, ENABLE3, ENABLE4 pins have a double function: set of I2C
addresses and start-up of the system.
If ENABLE1/2/3/4 are all low, ("000"), then the FDA803U is off, the outputs remain biased to
ground and the current consumption is limited to Isb. In this case the FSM is in "Standby"
state.
6.3
Diagnostic Vcc-Gnd state
After exiting from Stand-By state the device passes through Diagnostic Vcc/Gnd state.
In this state the amplifier checks the presence of the following faults:
Shorts to ground or to Vcc;
Under-voltage (UVLOVCC);
Thermal shutdown
FDA803U will then move to the next state (Eco-mode) only if there isn't any of these faults
for at least 90ms, thus avoiding any danger for the amplifier and the user system.
Meanwhile, if a stable fault is present, it will be communicated to the user via I2C after
90 ms, in order to provide always only stable information about the system. In this case the
device will not move to Eco-mode, waiting the fault cause is removed.
While the amplifier is in Diagnostic Vcc-Gnd state it can receive all the I2C commands, but it
will turn-on the PWM only when it enters in the next state: ECO-mode. This procedure
prevents wrong or unwanted I2C communication to bring the amplifier into dangerous
situation (if a short to Vcc or Gnd is present).
The following conditions will move the amplifier in Diagnostic Vcc-Gnd state from any other
functional state:
Over current protection trigger
UVLOVCC
Over voltage (through DUMP condition)
Thermal shutdown
6.4
ECO-mode state
In ECO-mode state the amplifier is fully operative from a communication point of view and
can receive and actuate all the commands given by the user.
In ECO-mode the output switching is disabled, thus allowing low quiescent current
consumption and therefore low power dissipation. The device is also able to move from
ECO-mode state to MUTE state, turning on the output switching, within about 1 ms -
without experiencing POP-noise.
This allows a very fast transition from ECO-mode to PLAY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com