Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U-KBX Datasheet(PDF) 22 Page - STMicroelectronics

Part # FDA803U-KBX
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U-KBX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button FDA803U-KBX Datasheet HTML 18Page - STMicroelectronics FDA803U-KBX Datasheet HTML 19Page - STMicroelectronics FDA803U-KBX Datasheet HTML 20Page - STMicroelectronics FDA803U-KBX Datasheet HTML 21Page - STMicroelectronics FDA803U-KBX Datasheet HTML 22Page - STMicroelectronics FDA803U-KBX Datasheet HTML 23Page - STMicroelectronics FDA803U-KBX Datasheet HTML 24Page - STMicroelectronics FDA803U-KBX Datasheet HTML 25Page - STMicroelectronics FDA803U-KBX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
General information
FDA803U
22/76
DS12497 Rev 2
5
General information
5.1
LC filter design
The audio performance of a Class D amplifier is heavily influenced by the characteristics of
the output LC filter. The choice of its components is quite critical because a lot of constraints
have to be fulfilled at the same time: size, cost, filter for EMI suppression, efficiency. In
particular, both the inductor and the capacitor exhibit a non linear behavior: the value of the
inductance is a function of the instantaneous current in it and similarly the value of the
capacitor is a function of the voltage across it.
In the classical approach, where the feedback loop is closed right at the output of the power
stage, the LC filter is placed outside the loop and these nonlinearities cause the Total
Harmonic Distortion (THD) to increase. The only way to avoid this phenomenon would be to
use components which are highly linear, but this means they are also bigger and/or more
expensive.
Furthermore, when the LC filter is outside the loop, its frequency response heavily depends
on the impedance of the loudspeaker; this is one of the most critical aspects of Class-D
amplifiers. In standard class D this can be mitigated, but not solved, by means of additional
damping networks, increasing cost, space and power dissipation. FDA803U, instead,
provides a very flat frequency response over audio-band which cannot be achieved by
standard class D without feedback after LC filter.
Since the demodulator group is now in the feedback path, some constraints regarding the
inductor and capacitor choice are still present but of course less stringent than in the case of
a typical switching application.
5.2
Load possibilities
FDA803U supports several load possibilities, driving 2 Ω, 4 Ω and higher ohmic loads.
Possible channel configurations are:
1 x 4 ohm (or higher) (up to 18 V)
1 x 2 ohm (up to 16 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com