Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9409 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 5 Page - STMicroelectronics

  L9409 Datasheet HTML 1Page - STMicroelectronics L9409 Datasheet HTML 2Page - STMicroelectronics L9409 Datasheet HTML 3Page - STMicroelectronics L9409 Datasheet HTML 4Page - STMicroelectronics L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L9409
Maximum ratings
Doc ID 022665 Rev 2
5/13
3
Maximum ratings
3.1
Voltage maximum ratings
3.2
Thermal data
Table 3.
Voltage maximum ratings
Pin
Operating range
(full spec guaranteed)
(V)
Maximum range
(functionality guaranteed)
(V)
DC Absolute maximum range
(no damage guaranteed)
(V)
B
8/16
8/28
-0.3/40
L
0/16
0/28
-1/40
FM
0/16
0/28
-0.3/40
S
8/16
8/28
-0.3/40
P
-1/16
-1/16
-1.5/16
F+
6/16
6/28
6/40
R
8/16
8/28
-0.3/40
Table 4.
Transient voltage maximum ratings
Parameter
Conditions
Value
Unit
Transient supply voltage
(load dump)
t < 500 ms
40
V
Transient supply voltage
(low energy spikes)
ISO7637-1 pulse 1,2,3
ISO7637-3
according to application diagram (Figure 1)
60
V
B+ reverse battery voltage
Tj = 25 °C, t = 15 s
-2.5
V
ESD voltage
MILSTD883C, All pins vs. GND
±2
kV
Table 5.
Thermal characteristics
Symbol
Parameter
Value
Unit
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-50 to 175
°C
Tsd
Thermal shut down
175 ±15
°C
Rth j-case Thermal resistance junction-to-case
1.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com