Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9409 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9409 Datasheet HTML 4Page - STMicroelectronics L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics L9409 Datasheet HTML 10Page - STMicroelectronics L9409 Datasheet HTML 11Page - STMicroelectronics L9409 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Device description
L9409
8/13
Doc ID 022665 Rev 2
4.2
Load response control (LRC)
4.2.1
Description
This function controls the sudden torque increase on engine when the last is started or
electric load is changed within the idling speed. In particular, the alternator output current is
increased gradually at a constant rate (LRCrate) when generating is started. The time
needed to rump up from 0% to 100% of duty cycle is defined as TLRC_rate. This function is
enabled when the alternator achieves a certain speed (fLRC_EN) and after a delay time
(TLRC_delay). TLRC_delay is defined as the period from Nalt attainment to the start of
generating as described in Figure 4. The LRC is disabled while the alternator rotor speed is
greater than a set value (fLRC_DIS).
Figure 4.
LRC function
4.2.2
Electrical characteristics
Tj = -40 to 150 °C, unless otherwise specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fLRC_EN
LRC enable frequency
LRC enabled above this
frequency
130
145
160
Hz
fLRC_DIS
LRC transition frequency
LRC disabled above this value
270
300
330
Hz
TLRC_delay Load response control delay
delay of activation of LRC
2.1
-
3.5
s
TLRC_rate Load response control rate
(1)
-2.1
-
2.9
s
1.
This is the time duration that L9460 takes to ramp up from 0% to 100% duty cycle in response to an increased load on the
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com