Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9409 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics L9409 Datasheet HTML 10Page - STMicroelectronics L9409 Datasheet HTML 11Page - STMicroelectronics L9409 Datasheet HTML 12Page - STMicroelectronics L9409 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Device description
L9409
10/13
Doc ID 022665 Rev 2
4.4
Protection and diagnosis
The table above lists the conditions that cause the fault lamp driver to function. To prevent
lamp flicker, specific faults are required to be present for TDELAY seconds before the lamp
driver is activated. This delay is indicated in Figure 11.
4.4.1
Diagnostic electric parameters
Table 11.
Diagnostic electric parameters
Table 10.
Fault lamp driver to function
#
Conditions
Delay
1
Phase voltage < VPL. The alternator is not generating, the belt is broken or
alternator is not rotating
Yes
2
VB-Vs > 2 V OR Vs>VOH. Over voltage warning
Yes
3
VS < VSO AND Phase frequency > fLRC_EN. S terminal is open during
generation
Yes
4
VB< VBO AND Phase frequency > fLRC_EN. B terminal is open during
generation
Yes
5
Phase frequency < fLRC_EN
Yes
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VPL
Low voltage warning threshold
-
5
6
7
V
VOH
Over voltage protection
threshold
-
15.1
16.5
17.5
V
VSO
S-terminal open threshold
-
7
-
12
V
VBS
Open threshold
-
1.6
2.0
2.2
V
fLRC_EN
Low speed threshold
-
130
145
160
V
TDELAY
Fault indication delay time
-
0.8
-
1.2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com