Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9409 Datasheet (PDF) - STMicroelectronics

L9409 Datasheet PDF - STMicroelectronics
Part # L9409
Download  L9409 Download
File Size   166.18 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Alternator voltage regulator with load response control

L9409 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9409 Datasheet PDF - STMicroelectronics

Part # L9409
Download  L9409 Click to download

File Size   166.18 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Alternator voltage regulator with load response control

L9409 Datasheet (HTML) - STMicroelectronics


L9409 Product details

Features
■ IC regulator for 12 V type alternator
■ Fixed frequency regulation loop
■ 130 mhigh side field driver
■ Fail safe device with double sensing of battery
voltage (VB and VS)
■ Load response control (LRC) function activates
after an initial time delay
■ Self start function from phase frequency
■ “Z” shaped regulation curve compliant with VW
specification.
■ Key recognition from L input
■ Field driver, lamp driver and relay driver short
protection
■ Complex diagnostics
■ Thermal shutdown at 175 °C
Description
The L9409 is a monolithic multifunction alternator
voltage regulator intended for use in automotive
applications.
The device regulates the output of an automotive
generator by controlling the field winding current
by means of either an analog fixed frequency
PWM signal or digital fixed frequency PWM signal
(LRC). The Load Response Control function is
activated in order to eliminate IC engine speed
fluctuation and vibrations caused by the insertion
of sudden electrical loads during alternator low
speed operations (f < 310 Hz). Both the analog
and digital duty cycle are applied to a high side
driver.
The device is able to regulate the voltage either
using a feedback signal from B pin or from S pin
depending on application needs. S pin is intended
to have a clear direct connection with the positive
terminal of the car battery. If this connection gets
lost the device will regulate voltage using B pin
giving a fail safe functionality.
Using L pin is possible to sense key switch and a
pre-excitation duty cycle is applied on the field coil
in order to start phase voltage sensing. In the
case L connection gets lost, device starts to
generate using residual magnetism of the
generator.
Field, lamp and relay drivers are protected
against short circuit.




Similar Part No. - L9409

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
L940-01V ROITHNER-L940-01V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-02V ROITHNER-L940-02V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-03V ROITHNER-L940-03V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-04V ROITHNER-L940-04V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-05V ROITHNER-L940-05V Datasheet
899Kb / 6P
Infrared LED Lamp
More results


Similar Description - L9409

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com