Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9409 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9409 Datasheet HTML 2Page - STMicroelectronics L9409 Datasheet HTML 3Page - STMicroelectronics L9409 Datasheet HTML 4Page - STMicroelectronics L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics L9409 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Device description
L9409
6/13
Doc ID 022665 Rev 2
4
Device description
4.1
Voltage regulation
4.1.1
Description
The alternator voltage is compared with a reference voltage in an amplifier. This device
senses the battery voltage in two ways: the B+ pin and the S pin. The last could be left
unconnected. In this condition the battery voltage is sensed from the VGO pin, otherwise the
S pin is used. This second condition assures a better knowledge of the real value of the
battery voltage if a direct connection with the positive terminal of the battery is made as
shown in Figure 1. The field driver works at a fixed frequency. A variable duty cycle is applied
on the field winding according with the error between the voltage set-point and the
measured battery voltage. The voltage set-point depends on case temperature. A set-point
voltage vs. case temperature curve is integrated in the device and is shown in Figure 3.
4.1.2
Electrical characteristic
Tj = -40 to 150 °C unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ISB
Standby current
VB = 13V, -40 °C < Tj <+ 150 °C
-
-
400
µA
VSF
Regulation set-point voltage
@ 25 °C
-
14.5
-
V
VP1
Initiation of regulation detection
phase voltage threshold (1)
IP = 1mA (sinking current)
-
1.5
-
V
DPE
Pre-excitation
-
19
-
25
%
fIFR
Initiation of field regulation
frequency
-
360
400
440
Hz
TC
Thermal compensation
-40 °C
 T
case  -10 °C
-0.5
0
0.5
mV/°C
-10 °C
 T
case  100 °C
-8
-10
-12
mV/°C
100 °C
 T
case  150 °C
-0.5
0
0.5
mV/°C
VLR
Load regulation
18000 rpm, 10% to 90% load
-
-
200
mV
VSR
Speed regulation
Guarantee by design
-
-
200
mV
RON
Field driver on resistance
IF = 5 A, Tcase = 125 °C
-
-
130
m
IFLIM
Field limit current
F shorted to GND @ -40 °C
8
-
15
A
F shorted to GND @ 25 °C
8
-
15
A
F shorted to GND @ 150 °C
7.5
-
14.5
A
VF
Field discharge rectifier
IF = 6 A, Tcase= 25 °C
-
-
1.85
V
IR
Diode reverse current
-
-
-
20
µA
IPD-P
Pull down current on P terminal -
0.4
-
1.4
mA
1.
This threshold on the phase signal is used to detect the phase frequency, fIFR, for the Initiation of field regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com