Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # 76232103
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 31Page - Toshiba Semiconductor 76232103 Datasheet HTML 32Page - Toshiba Semiconductor 76232103 Datasheet HTML 33Page - Toshiba Semiconductor 76232103 Datasheet HTML 34Page - Toshiba Semiconductor 76232103 Datasheet HTML 35Page - Toshiba Semiconductor 76232103 Datasheet HTML 36Page - Toshiba Semiconductor 76232103 Datasheet HTML 37Page - Toshiba Semiconductor 76232103 Datasheet HTML 38Page - Toshiba Semiconductor 76232103 Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
– 39 –
SPECIFIC INFORMATIONS
SCHEMATIC DIAGRAM
MODEL : 29CZ8URB/29CZ8URS
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY radiation precaution”, “SAFETY PRECAUSTION”
and “PRODUCT SAFETY NOTICE” ON THE MANUAL FOR THIS MODEL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE on the MANUAL for this
model. Do not degrade the safety of the receiver through improper servicing.
NOTE:
1. RESISTOR
Resistance is shown in ohm [K = 1.000, M = 1.000.000]. All resistors are 1/6W and 5% tolerance carbon
resistor, unless otherwise noted as the following marks.
1/2R = Metal or Metal oxide of 1/2 watt
1/2S = Carbon compsistion of 1/2 watt
1RF = Fuse resistor of 1 watt
10W = Cement of 10 watt
K = ±10%
G = ±2%
F = ±1%
2. CAPACITOR Unless otherwise noted in schematic, all capacitor values less than 1 are expressed in µF, and the values
more than 1 in pF.
All capacitors are ceramic 50V, unless otherwise noted as the following marks.
+
Electolytic capacitor
M
Mylar capacitor
3. The parts indicated with “
” have special characteristics, and should be replaced with identical parts only.
4. Voltages read with DIGITAL MULTI-METER from point indicated to chassing ground, using a color bar signal with all
controls at normal, line voltage at 220 volts.
5. Waveforms are taken receiving color bar signal with enough sensitivity.
6. Voltage reading shown are nominal values and may vary ±20% except H.V.
L SCHEMATIC DIAGRAM STRUCTURE:
– MAIN Circuit .............................................................................................................................................................1/6
– DIGITAL Circuit ........................................................................................................................................................2/6
– MTS Circuit ..............................................................................................................................................................3/6
– CRT/D Circuit ...........................................................................................................................................................4/6
– FRONT AV-1 Circuit .................................................................................................................................................5/6
– FRONT AV-2 Circuit .................................................................................................................................................6/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com