Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # 76232103
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 3Page - Toshiba Semiconductor 76232103 Datasheet HTML 4Page - Toshiba Semiconductor 76232103 Datasheet HTML 5Page - Toshiba Semiconductor 76232103 Datasheet HTML 6Page - Toshiba Semiconductor 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
– 7 –
4. SELECTING THE ADJUSTING ITEMS
1) Every pressing of CH s button in the service mode changes the adjustment items in the order of table-2.
(t button for reverse order)
Refer to table-2 for preset data of adjustment mode.
(See SETTING & ADJUSTING DATA on page 15)
5. ADJUSTING THE DATA
1) Pressing of ; +/– button will change the value of data in the range from 00H to FFH. The variable range depends on
the adjusting item.
6. EXIT FROM SERVICE MODE
1) Press POWER button to turn off the TV once.
R
INITIALIZATION OF MEMORY DATA OF QA02
After replacing QA02, the following initialization is required.
1. Enter the service mode, then select any register item.
2. Press and hold the CALL button on the Remote, then press the CH s button on the TV. The initialization of QA02 has
been completed.
3. Check the picture carefully. If necessary, adjust any adjustment item above.
Perform “Auto tune” on the owner’s manual.
CAUTION: Never attempt to initialize the data unless QA02 has been replaced.
7. TEST SIGNAL SELECTION
1) Every pressing of a button on the Remote Control changes the built-in test patterns on screen as described below in
SERVICE MODE.
• All White
Signals
Picture
Signal off
ALL White
8. SELF CHECK FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
1
Part number of microprocessor (QA01)
2
Operation number of protecting circuit ----“000” is normal.
3
RF signal center frequency is locked.
4
Version information of microprocessor
23 * * * * * *
POWER
: 000
SYNC
: OK
MAIN
: V057
<SELF CHECK>
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com