Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 76232103
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
– 11 –
Cutoff adjustment and
white balance adjust-
ment
RCUT
GCUT
BCUT
GDRV
BDRV
Screen VR
Sub brightness adjus-
tment
(BRTC)
1) Setting to horizontal alignment, turn the screen VR to
stop where the brightness lines are slightly luminous.
(Adjustment shall be made so that they look almost
white.)
2) Cancel horizontal alignment.
3) Varying R, G and B CUTOFF, make white balance
adjustment in the dark area.
4) Adjusting G and B DRIVE, make white balance
adjustment in the bright area.
5) Repeat procedures 3) and 4) if necessary.
Adjustable value:
Bright area: 11500K+0.0075uV
(103cd/m2)
Dark area:
10500K+0.0105uV
(17cd/m2)
1) Select BRTC in the sub data adjustment mode.
Adjust the number of black solid lines to 4±1.5.
No.
ADJUSTMENT PROCEDURE
V/C syatem adjustment
ADJUSTING ITEMS
AND POINTS
REMARKS
1
2
No outside lighting shall
be allowed.
Measurement shall be
performed at the center of
CRT.
Receiver shall be in the
standard state.
Total white signal Varying
the level of input signal,
adjust the brightness.
J-2ch sub brightness
signal DYNAMIC
Focus Adjustment
Main Focus: T461
Conditions
: PAL RETMA ch
Screen Size
: Wide
Presentation Mode : Dynamic
Only for 29-inch model
1) Adjust the Main Focus VR knob of T461 model to optimize center focus.
Refer to the diagram below for the location of the Main Focus VR knob.
No.
ADJUSTMENT PROCEDURE
Circuit adjustment (Procedure Manual for Deflection Adjustment)
ADJUSTING ITEMS
AND POINTS
1
Main Focus VR knob
SCREEN knob



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com