Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 76232103
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor 76232103 Datasheet HTML 16Page - Toshiba Semiconductor 76232103 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
– 13 –
For PAL WIDE
Vertical amplitude
(HIT)
Vertical screen position
(TCNR)
Vertical linearity
(VLIN)
For NTSC WIDE
Vertical amplitude
(NHIT)
Vertical screen position
(NVPO)
1) With E-12ch, WIDE mode, DYNAMIC and 100 Hz, adjust the vertical screen
position (VPOS) and amplitude (HIT) as shown in the following figure:
2) With vertical linearity (VLIN), control the upper and lower balances to be optimal.
* NTSC adjustment shall be made after the PAL adjustment.
With domestic 13ch, WIDE mode and DYNAMIC, adjust the vertical screen position
(NVPO) and amplitude (NHIT) as shown in the following figure:
ADJUSTMENT PROCEDURE
Vertical adjustment
ADJUSTING ITEMS
AND POINTS
Verti-
cal
Flags shall just be blinded.
Flags shall just be blinded.
30
30
30
30
30
325
525 LINE
50
1
3
5
1
3
5
575
300
5 31
5
3
1
The circle of lion shall contact
with mask.
The twelve center shall be adjusted to the mask.
Conditions: User control for geomagnetic compensation: 0
Geomagnetic compensation coil: Unconnected
Perform voltage measurement at both ends of RJ06 and adjust the volt-
age to the following adjustable value with GMF of data adjustment mode:
0 ± 1V
ADJUSTMENT PROCEDURE
Geomagnetic compensation (chassis adjustment)
ADJUSTING ITEMS
AND POINTS
1
Output voltage control
(GMF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com