Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 76232103
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 2Page - Toshiba Semiconductor 76232103 Datasheet HTML 3Page - Toshiba Semiconductor 76232103 Datasheet HTML 4Page - Toshiba Semiconductor 76232103 Datasheet HTML 5Page - Toshiba Semiconductor 76232103 Datasheet HTML 6Page - Toshiba Semiconductor 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
– 6 –
SERVICE MODE
1. ENTERING TO SERVICE MODE
1) Press o button once on
Remote Control.
2. DISPLAYING THE ADJUSTMENT MENU
1) Press MENU button on TV.
3. KEY FUNCTION IN THE SERVICE MODE
The following key entry during display of adjustment menu provides special functions.
Screen adjustment mode ON/OFF:
- / - - button (on Remote)
Test signal selection :
a button (on Remote)
Selection of the adjustment items :
CH s/t (on TV or Remote)
Change of the data value :
; +/– (on TV or Remote)
Adjustment menu mode ON/OFF :
MENU button (on TV)
Initialization of the memory (QA02) :
CALL +
c s (on TV)
Reset the count of operating protect
circuit to “00”:
CALL +
c t (on TV)
“RCUT” selection :
1 button
“GCUT” selection :
2 button
“BCUT” selection :
3 button
“SCNT” selection :
4 button
“CLPI” selection :
5 button
“TNTC” selection :
6 button
“OPT0” selection :
YELLOW button
Self diagnostic display ON/OFF :
9 button
CAUTION : Never try to perform initialization unless you have changed the memory IC.
2) Press o button again to
keep pressing.
3) While pressing the o button,
press MENU button on TV set.
Color thickness correction
note: Displayed differently as shown below, depending
on the setting of the receiving color system.
COLP (PAL)
COLC (NTSC)
COLS (SECAM)
S
(Service mode display)
Item
Data
or Sound Mute
Adjustment mode
Press
Press
Service mode
Item
Data
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com