Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 12
5. Package Parameters
The FT232R is supplied in two different packages. The FT232RL is the SSOP-28 option and the FT232RQ is the
QFN-32 package option. The solder reflow profile for both packages is described in Section 5.3.
5.1 SSOP-28 Package Dimensions
12° Typ
0° - 8°
0.25
0.75 +/-0.20
0.09
0.05 Min
1.25 +/-0.12
1
14
15
28
5.30 +/-0.30
7.80 +/-0.40
1.02 Typ.
0.30 +/-0.012
0.65 +/-0.026
Figure 6 - SSOP-28 Package Dimensions
The FT232RL is supplied in a RoHS compliant 28 pin SSOP package. The package is lead ( Pb ) free and uses a
‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package has a 5.30mm x 10.20mm body ( 7.80mm x 10.20mm including pins ). The pins are on a 0.65 mm pitch.
The above mechanical drawing shows the SSOP-28 package – all dimensions are in millimetres.
The date code format is
YYXX where XX = 2 digit week number, YY = 2 digit year number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com