Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 29Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 26
8.4 USB to MCU UART Interface
Figure 18 -Example USB to MCU UART Interface
Figure 18 is an example of interfacing the FT232R to a Microcontroller (MCU) UART interface. This example uses
TXD and RXD for transmission and reception of data, and RTS# / CTS# hardware handshaking. Also in this example
CBUS0 has been configured as a 12MHz output which is being used to clock the MCU.
Optionally, RI# can be connected to another I/O pin on the MCU and could be used to wake up the USB host
controller from suspend mode. If the MCU is handling power management functions, then a CBUS pin can be
configured as PWREN# and should also be connected to an I/O pin of the MCU.
FT232R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
4.7uF
Vcc
RXD
TXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS3
CBUS2
CBUS1
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
CBUS4
PWREN#
TXD
RXD
CTS#
RTS#
CLK_IN
I/O
Ferrite
Bead
GND
GND
GND
+
GND
10nF
12MHz
OUT
Vcc
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com