Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 8
4.2 SSOP-28 Package Signal Descriptions
Table 1 - SSOP Package Pin Out Description
Pin No. Name
Type Description
USB Interface Group
15
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up resistor to 3.3V
16
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Power and Ground Group
4
VCCIO
PWR
+1.8V to +5.25V supply to the UART Interface and CBUS group pins (1...3, 5, 6, 9...14, 22, 23). In USB bus
powered designs connect to 3V3OUT to drive out at 3.3V levels, or connect to VCC to drive out at 5V CMOS
level. This pin can also be supplied with an external 1.8V - 2.8V supply in order to drive out at lower levels. It
should be noted that in this case this supply should originate from the same source as the supply to Vcc. This
means that in bus powered designs a regulator which is supplied by the 5V on the USB bus should be used.
7, 18, 21
GND
PWR
Device ground supply pins
17
3V3OUT
Output 3.3V output from integrated L.D.O. regulator. This pin should be decoupled to ground using a 100nF capacitor.
The prime purpose of this pin is to provide the internal 3.3V supply to the USB transceiver cell and the internal
1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if required.
This pin can also be used to supply the FT232R’s VCCIO pin.
20
VCC
PWR
3.3V to 5.25V supply to the device core.
25
AGND
PWR
Device analog ground supply for internal clock multiplier
Miscellaneous Signal Group
8, 24
NC
NC
No internal connection.
19
RESET#
Input
Can be used by an external device to reset the FT232R. If not required can be left unconnected, or pulled up
to VCCIO.
26
TEST
Input
Puts the device into I.C. test mode. Must be tied to GND for normal operation.
27
OSCI
Input
Input to 12MHz Oscillator Cell. Optional - Can be left unconnected for normal operation. *
28
OSCO
Output Output from 12MHz Oscillator Cell. Optional - Can be left unconnected for normal operation if internal oscilla-
tor is used. *
UART Interface and CBUS Group **
1
TXD
Output Transmit Asynchronous Data Output.
2
DTR#
Output Data Terminal Ready Control Output / Handshake signal.
3
RTS#
Output Request To Send Control Output / Handshake signal.
5
RXD
Input
Receive Asynchronous Data Input.
6
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal EEPROM taking RI# low can be
used to resume the PC USB host controller from suspend.
9
DSR#
Input
Data Set Ready Control Input / Handshake signal.
10
DCD#
Input
Data Carrier Detect Control input.
11
CTS#
Input
Clear to Send Control input / Handshake signal.
12
CBUS4
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is SLEEP#. See CBUS Signal Options, Table 3.
13
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is TXDEN. See CBUS Signal Options, Table 3.
14
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is PWREN#. See CBUS Signal Options, Table 3.
22
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is RXLED#. See CBUS Signal Options, Table 3.
23
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
function is TXLED#. See CBUS Signal Options, Table 3.
* Contact FTDI technical support for details on how to use an external crystal, ceramic resonator, or oscillator with the
FT232R.
** When used in Input Mode, these pins are pulled to VCCIO via internal 200kΩ resistors. These pins can be
programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting an option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com