Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 20
7.2 Self Powered Configuration
Figure 12 Self Powered Configuration
Figure 12 illustrates the FT232R in a typical USB self powered configuration. A USB Self Powered device gets its
power from its own power supply and does not draw current from the USB bus. The basic rules for USB Self powered
devices are as follows –
i) A Self Powered device should not force current down the USB bus when the USB Host or Hub Controller is
powered down.
ii) A Self Powered Device can use as much current as it likes during normal operation and USB suspend as it has its
own power supply.
iii) A Self Powered Device can be used with any USB Host and both Bus and Self Powered USB Hubs
The power descriptor in the internal EEPROM should be programmed to a value of zero (self powered).
In order to meet requirement (i) the USB Bus Power is used to control the RESET# Pin of the FT232R device. When
the USB Host or Hub is powered up the internal 1.5kΩ resistor on USBDP is pulled up to 3.3V, thus identifying the
device as a full speed device to USB. When the USB Host or Hub power is off, RESET# will go low and the device will
be held in reset. As RESET# is low, the internal 1.5kΩ resistor will not be pulled up to 3.3V, so no current will be forced
down USBDP via the 1.5kΩ pull-up resistor when the host or hub is powered down. Failure to do this may cause some
USB host or hub controllers to power up erratically.
Figure 10 illustrates a self powered design which has a 3.3V - 5V supply. A design which is interfacing to 2.8V - 1.8V
logic would have a 2.8V - 1.8V supply to VCCIO, and a 3.3V - 5V supply to VCC
Note : When the FT232R is in reset, the UART interface pins all go tri-state. These pins have internal 200kΩ pull-up
resistors to VCCIO, so they will gently pull high unless driven by some external logic.
FT232R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
VCC
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS3
CBUS2
CBUS1
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
CBUS4
4.7uF
SHIELD
GND
GND
GND
GND
VCC = 3.3V - 5V
GND
10k
4k7
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com