Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 24
8.2 USB to RS485 Converter Configuration
Figure 16 - Example USB to RS485 Converter Configuration
Figure 16 illustrates how to connect the FT232R’s UART interface to a TTL – RS485 Level Converter I.C. to make a
USB to RS485 converter. This example uses the Sipex SP481 device but there are similar parts available from Maxim
and Analog Devices amongst others. The SP481 is a RS485 device in a compact 8 pin SOP package. It has separate
enables on both the transmitter and receiver. With RS485, the transmitter is only enabled when a character is being
transmitted from the UART. The TXDEN signal CBUS pin option on the FT232R is provided for exactly this purpose
and so the transmitter enable is wired to CBUS2 which has been configured as TXDEN. Similarly, CBUS3 has been
configured as PWREN#. This signal is used to control the SP481’s receiver enable. The receiver enable is active low,
so it is wired to the PWREN# pin to disable the receiver when in USB suspend mode. CBUS2 = TXDEN and CBUS3 =
PWREN# are the default device configurations of these pins. See Section 10.
RS485 is a multi-drop network – i.e. many devices can communicate with each other over a single two wire cable
connection. The RS485 cable requires to be terminated at each end of the cable. A link is provided to allow the cable
to be terminated if the device is physically positioned at either end of the cable.
In this example the data transmitted by the FT232R is also received by the device that is transmitting. This is a
common feature of RS485 and requires the application software to remove the transmitted data from the received
data stream. With the FT232R it is possible to do this entirely in hardware – simply modify the schematic so that RXD
of the FT232R is the logical OR of the SP481 receiver output with TXDEN using an HC32 or similar logic gate.
FT232R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
10nF
Vcc
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS3
CBUS2
CBUS1
GPIO1
GPIO4
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
CBUS4
TXDEN#
Ferrite
Bead
+
4.7uF
SHIELD
SHIELD
GND
10
DB9M
RS485 LEVEL
CONVERTER
TXD
RXD
PWREN#
Vcc
Link
120R
5
6
7
3
4
1
2
SP481
GPIO0
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com