Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR348 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR348
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR348 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR348 Datasheet HTML 1Page - Diodes Incorporated APR348 Datasheet HTML 2Page - Diodes Incorporated APR348 Datasheet HTML 3Page - Diodes Incorporated APR348 Datasheet HTML 4Page - Diodes Incorporated APR348 Datasheet HTML 5Page - Diodes Incorporated APR348 Datasheet HTML 6Page - Diodes Incorporated APR348 Datasheet HTML 7Page - Diodes Incorporated APR348 Datasheet HTML 8Page - Diodes Incorporated APR348 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APR348
Document number: DS42016 Rev. 5 - 2
4 of 9
www.diodes.com
March 2021
© Diodes Incorporated
APR348
Electrical Characteristics (@VCC = 5V, TA = -40°C < TA < +85°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin)
VLDO_DISABLE
VCC LDO Disable Threshold at VCC
Falling
4.25
4.55
4.85
V
VLDO_ENSABLE
VCC LDO Enable Threshold at VCC
Rising
4.35
4.65
4.95
V
VLDO_HYS
LDO Operating Hysteresis at VCC Pin
100
mV
Supply Linear Regulator (VDD Pin)
VDD
Internal Power Supply
VCC = 12V, VDET = 12V
5
5.5
6
V
VCC = 3V, VDET = 12V
5.3
5.9
6.5
V
ISTARTUP
VDD Startup Current
VCC = 0,
VDET = VDD = VDD_ST - 0.1V
125
160
µA
VDD_ST
VDD Startup Voltage
3.55
3.75
3.95
V
VDD_UVLO
VDD UVLO Voltage
3.30
3.50
3.70
V
VUVLO HYSTERESIS
UVLO Hysteresis
0.25
V
IQ_VDD
Quiescent Current
VDD = 5.5V, VCC = 0
170
220
µA
Synchronous Rectification MOSFET Sense (VDET Pin)
VTHON
Gate Turn-On Threshold
Voltage at VDET Pin
-130
-90
-60
mV
VFWD
Gate Regulation Voltage
Voltage at VDET Pin
-55
-45
-35
mV
VTHOFF
Gate Turn-Off Threshold
Voltage at VDET Pin
-7
0
mV
Gate Driver (DRISR Pin)
VDRISR(High)
Synchronous Rectification Drive Voltage
High
VDD - 0.1
V
VDRISR(Low)
Synchronous Rectification Drive Voltage
Low
IG_LOAD = 100mA, VDD = 5V
70
140
mV
tDON
Turn-On Delay Time
CLOAD = 2.2nF
30
60
ns
tDOFF
Turn-Off Propagation Delay Time
CLOAD = 2.2nF
25
45
ns
tON_MIN
Minimum On-Time
0.8
1.2
1.6
µs
ISOURCE
Maximum Source Current (Note 9)
0.6
A
ISINK
Maximum Sink Current (Note 9)
3.5
A
Rg
Pull-Down Impendent
IG_LOAD = 100mA, VDD = 5V
0.7
1.4
Note:
9. These parameters are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com