Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR348 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR348
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR348 Datasheet(HTML) 6 Page - Diodes Incorporated

  APR348 Datasheet HTML 1Page - Diodes Incorporated APR348 Datasheet HTML 2Page - Diodes Incorporated APR348 Datasheet HTML 3Page - Diodes Incorporated APR348 Datasheet HTML 4Page - Diodes Incorporated APR348 Datasheet HTML 5Page - Diodes Incorporated APR348 Datasheet HTML 6Page - Diodes Incorporated APR348 Datasheet HTML 7Page - Diodes Incorporated APR348 Datasheet HTML 8Page - Diodes Incorporated APR348 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APR348
Document number: DS42016 Rev. 5 - 2
6 of 9
www.diodes.com
March 2021
© Diodes Incorporated
APR348
Synchronous Rectification Principle Description (continued)
The Value and Meaning of Rx Resistance
After the secondary rectifier stops conduction with DCM operation, the primary MOSFET drain-to-source generates a ringing waveform, which results
from the resonant of primary inductance and equivalent switch-device output capacitance. This ringing waveform most likely leads to the synchronous
rectifier fault conduction. APR348 integrates an accurate turn-on voltage threshold and internal judge criteria to determine whether synchronous
rectification MOSFET can turn on or not. Rx is an external resistor, which multiplies with an internal current source to generate an accurate reference
for turn-on threshold judgment. Proposed to use 30k
Ω to 40kΩ resistance for Rx value.
Synchronous Rectification Forward Regulation and Turn-Off Stage
Once the synchronous rectification gate outputs high levels and the synchronous rectification MOSFET turns on, the secondary-side current goes
through synchronous rectification MOSFET. The voltage drop on synchronous rectification MOSFET is found by RDS(ON) × secondary-side current.
After minimum turn-on time tONMIN, the IC continuously monitors VDS by the VDET pin and generates a pull-down current from the MOSFET gate
until VDET > -45mV. The MOSFET drain-to-source voltage would remain at around -45mV with the secondary-side current decreasing. Real MOSFET
gate voltage depends on the MOSFET characteristics and drain current. When the primary MOSFET turns on, the secondary VDS would rise up.
Once VDET rises to trigger the turn-off threshold, the gate signal will be pulled down to GND. The synchronous rectification MOSFET gate voltage
drops quickly from a low voltage to zero after a very short turn-off delay.
Light Load Mode (LL Mode)
The APR348 provides light-load mode when the system goes into burst or no-load condition with interval-time pulses for low standby loss. The IC
internal has two timers, one is 640µs and the other is 2.5ms. When the interval time is between 640µs and 2.5ms, the gate drive outputs will skip
the first two cycles. When the interval time is over 2.5ms, gate drive outputs will skip the first eight cycles.
VDD Regulator and UVLO Protection
The VDD is an internal linear regulator output. When the synchronous rectification MOSFET and the IC are connected in low side, the VDD is supplied
by both VDET pin and VCC pin. When synchronous rectification MOSFET and IC are connected in high side, the VDD is supplied only via VDET. A
large capacitor (typical 4.7µF) at VDD pin is proposed for system design. The APR348 also has the UVLO protection. When VDD drops below
VDD_UVLO, the IC will stop working.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com