Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR348 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR348
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR348 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR348 Datasheet HTML 1Page - Diodes Incorporated APR348 Datasheet HTML 2Page - Diodes Incorporated APR348 Datasheet HTML 3Page - Diodes Incorporated APR348 Datasheet HTML 4Page - Diodes Incorporated APR348 Datasheet HTML 5Page - Diodes Incorporated APR348 Datasheet HTML 6Page - Diodes Incorporated APR348 Datasheet HTML 7Page - Diodes Incorporated APR348 Datasheet HTML 8Page - Diodes Incorporated APR348 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APR348
Document number: DS42016 Rev. 5 - 2
1 of 9
www.diodes.com
March 2021
© Diodes Incorporated
APR348
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Description
The APR348 is a secondary-side MOSFET driver for synchronous
rectification, which can effectively reduce the secondary-side rectifier
power dissipation and provide a high-performance solution.
The APR348 can support continuous or discontinuous conduction
mode (CCM and DCM) and quasi-resonant flyback operation based on
a MOSFET operating on-time control technology. This technology
provides minimized turn-on and turn-off delay to reduce power loss and
keep safe operation without adding any external components or
circuitry.
The APR348 can configure into high-side or low-side application to fit
various design requirement. It also has specialized light load mode and
determines safe driver pulse generation through load detection. The
VDD power supply can be charged by VDET or VCC, which means it
can be charged by internal PLR (Pulse linear regulator) at low output
voltage and charged by internal LDO at high output voltage. Therefore,
it can provide a wide output operation voltage from 3.3V to 20V.
The APR348 is available in SOT26 (Type CJ) package.
Features
Synchronous Rectification Controller
Suited for High-Side and Low-Side Flyback Converters in
CCM/DCM/QR Operation
Minimized Turn-On and Turn-Off Delay
Internal UVLO Protection
Light Load Mode Control
Eliminate False Turn-On with Resonant Ring
Fewest External Components
Moisture Sensitivity: MSL Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
M2003 JESD22-B102, Method 208
Weight: 0.016/0.017 grams (Approximate)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
SOT26 (Type CJ)
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems, MP3
and Other Portable Apparatus
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
DRISR
1
2
3
4
5
6
VCC
GND
Rx
VDET
VDD


Similar Part No. - APR348

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR340W6-7 DIODES-APR340W6-7 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150MTRG1 DIODES-APR34150MTRG1 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR348

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
Secondary Side Synchronous Rectification Controller IC
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com