Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR348 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APR348
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR348 Datasheet(HTML) 3 Page - Diodes Incorporated

  APR348 Datasheet HTML 1Page - Diodes Incorporated APR348 Datasheet HTML 2Page - Diodes Incorporated APR348 Datasheet HTML 3Page - Diodes Incorporated APR348 Datasheet HTML 4Page - Diodes Incorporated APR348 Datasheet HTML 5Page - Diodes Incorporated APR348 Datasheet HTML 6Page - Diodes Incorporated APR348 Datasheet HTML 7Page - Diodes Incorporated APR348 Datasheet HTML 8Page - Diodes Incorporated APR348 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APR348
Document number: DS42016 Rev. 5 - 2
3 of 9
www.diodes.com
March 2021
© Diodes Incorporated
APR348
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage (Note 7)
-0.3 to 28
V
VDET
Voltage at VDET Pin
-0.7 to 150
V
VDRISR
Voltage at DRISR Pin
-0.3 to 7
V
VRX
Voltage at Rx Pin
-0.3 to 7
V
PD
Power Dissipation at TA = +25°C
0.6
W
TJ
Operating Junction Temperature (Note 8)
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
(Note 5)
197
°C/W
θJC
Thermal Resistance (Junction to Case)
(Note 5)
76
°C/W
ESD
Human Body Model (Except VDET Pin)
(Note 6)
6,000
V
Charge Device Model
1500
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch2 cooling area.
6. VDET pin are ESD sensitive. (HBM: VDET = 2000V).
7. Setting VCC = 22V in the aging condition. Latch up overvoltage test use VCC = 28V.
8. Setting +85°C in the aging condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com