Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR348 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR348
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR348 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR348 Datasheet HTML 1Page - Diodes Incorporated APR348 Datasheet HTML 2Page - Diodes Incorporated APR348 Datasheet HTML 3Page - Diodes Incorporated APR348 Datasheet HTML 4Page - Diodes Incorporated APR348 Datasheet HTML 5Page - Diodes Incorporated APR348 Datasheet HTML 6Page - Diodes Incorporated APR348 Datasheet HTML 7Page - Diodes Incorporated APR348 Datasheet HTML 8Page - Diodes Incorporated APR348 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APR348
Document number: DS42016 Rev. 5 - 2
5 of 9
www.diodes.com
March 2021
© Diodes Incorporated
APR348
Synchronous Rectification Principle Description
Synchronous Rectification MOSFET Turn-On
The APR348 determines the synchronous rectification MOSFET turn-on time by monitoring the MOSFET drain-to-source voltage. Because of the
parasitic parameter, the voltage on the MOSFET drain pin has moderate voltage ringing, which may affect the SR controller VDET voltage sense
and bring about a turn-on/off fault.
To avoid this conduction fault, the APR348 has internal judge methods to determinate the turn-on moment of synchronous rectification MOSFET.
Meanwhile, APR348 has a minimum on-time (tON_MIN, which is shown in Figure 1) blanking period that keeps the power MOSFET on for a minimum
amount of time. When the controlled MOSFET gate turns on, some ringing noises generate. The minimum on-time timer blanks the VTHOFF
comparator, which keeps the controlled MOSFET on for at least the minimum on-time. During the minimum on-time, the turn-off threshold is blanked
unless the VDS ringing voltage goes over 2V during this period.
VDET
t
t
VDRISR
VFWD
VTHON
2V
Forward Regulation
Period
tDON
tON_MIN
0
0
Figure 1. APR348 Switch Period



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com