Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCM0565R Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSCM0565R Datasheet HTML 3Page - ON Semiconductor FSCM0565R Datasheet HTML 4Page - ON Semiconductor FSCM0565R Datasheet HTML 5Page - ON Semiconductor FSCM0565R Datasheet HTML 6Page - ON Semiconductor FSCM0565R Datasheet HTML 7Page - ON Semiconductor FSCM0565R Datasheet HTML 8Page - ON Semiconductor FSCM0565R Datasheet HTML 9Page - ON Semiconductor FSCM0565R Datasheet HTML 10Page - ON Semiconductor FSCM0565R Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Electrical Characteristics
TA = 25°C unless otherwise specified.
Continued on the following page...
Symbol
Parameter
Condition
Min. Typ. Max. Unit
SENSEFET SECTION
BVDSS
Drain Source Breakdown Voltage
VCC = 0V, ID = 100µA
650
V
IDSS
Zero-Gate-Voltage Drain Current
VDS = 560V
300
µA
RDS(ON)
Drain-Source On-State Resistance
TJ = 25°C, ID = 0.5A
1.76
2.20
Ω
COSS
Output Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
78
pF
td(on)
Turn-On Delay Time
VDD = 350V, ID = 25mA
22
ns
tr
Rise Time
VDD = 350V, ID = 25mA
52
ns
td(off)
Turn-Off Delay Time
VDD = 350V, ID = 25mA
95
ns
tf
Fall Time
VDD = 350V, ID = 25mA
50
ns
CONTROL SECTION
tON.MAX
Maximum On Time
TJ = 25°C
8.8
10.0
11.2
µs
tB
Blanking Time
TJ = 25°C, Vsync = 5V
13.5
15.0
16.5
µs
tW
Detection Time Window
TJ = 25°C, Vsync = 0V
6.0
µs
fS
Initial Switching Frequency
59.6
66.7
75.8
kHz
ΔfS
Switching Frequency Variation(11)
-25°C < TJ < 85°C
±5
±10
%
tAVS
AVS Triggering
Threshold(11)
On Time
at VIN = 240VDC, Lm = 360μH
(AVS triggered when VAVS > spec.
and tAVS < spec.)
4.0
µs
VAVS
Feedback
Voltage
1.2
V
tSW
Switching Time Variance by AVS(11)
Sync = 500kHz sine input
VFB = 1.2V, tON = 4.0µs
13.5
20.5
µs
IFB
Feedback Source Current
VFB = 0V
700
900
1100
µA
DMIN
Minimum Duty Cycle
VFB = 0V
0
%
VSTART
UVLO Threshold Voltage
11
12
13
V
VSTOP
After turn-on
7
8
9
V
tS/S
Internal Soft-Start Time
With free-running frequency
17.5
ms
VOVP
Over-Voltage Protection (FSQ0565RS)
18
19
20
V
VOVP
Over-Voltage Protection
(FSQ0565RQ)
Threshold
Voltage
VCC = 15V, VFB = 2V
7.4
8
9.6
V
tOVP
Blanking
Time(11)
1.0
1.7
2.4
µs
BURST-MODE SECTION
VBURH
Burst-Mode Voltages
TJ = 25°C, tPD = 200ns(10)
0.45
0.55
0.65
V
VBURL
0.25
0.35
0.45
V
Hysteresis
200
mV
www.onsemi.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com