Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCM0565R Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSCM0565R Datasheet HTML 9Page - ON Semiconductor FSCM0565R Datasheet HTML 10Page - ON Semiconductor FSCM0565R Datasheet HTML 11Page - ON Semiconductor FSCM0565R Datasheet HTML 12Page - ON Semiconductor FSCM0565R Datasheet HTML 13Page - ON Semiconductor FSCM0565R Datasheet HTML 14Page - ON Semiconductor FSCM0565R Datasheet HTML 15Page - ON Semiconductor FSCM0565R Datasheet HTML 16Page - ON Semiconductor FSCM0565R Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Functional Description
1. Startup: At startup, an internal high-voltage current
source supplies the internal bias and charges the
external capacitor (Ca) connected to the VCC pin, as
illustrated in Figure 23. When VCC reaches 12V, the
power switch begins switching and the internal
high-voltage current source is disabled. The
power
switch continues its normal switching operation and
the power is supplied from the auxiliary transformer
winding unless VCC goes below the stop voltage of 8V.
Figure 23. Startup Circuit
2.
Feedback Control: power switch employs current-mode
control, as shown in Figure 24. An opto-coupler (such as
the FOD817A) and shunt regulator (such as the KA431)
are typically used to implement the feedback network.
Comparing the feedback voltage with the voltage across
the Rsense resistor makes it possible to control the
switching duty cycle. When the reference pin voltage of
the shunt regulator exceeds the internal reference
voltage of 2.5V, the opto-coupler LED current increases,
pulling down the feedback voltage and reducing the duty
cycle. This typically happens when the input voltage is
increased or the output load is decreased.
Figure 24. Pulse-Width-Modulation (PWM) Circuit
2.1 Pulse-by-Pulse Current Limit: Because current-
mode control is employed, the peak current through the
SenseFET is limited by the inverting input of PWM
comparator (VFB*), as shown in Figure 24. Assuming
that the 0.9mA current source flows only through the
internal resistor (3R + R = 2.8k), the cathode voltage of
diode D2 is about 2.5V. Since D1 is blocked when the
feedback voltage (VFB) exceeds 2.5V, the maximum
voltage of the cathode of D2 is clamped at this voltage,
clamping VFB*. Therefore, the peak value of the current
through the SenseFET is limited.
2.2 Leading-Edge Blanking (LEB): At the instant the
internal SenseFET is turned on, a high-current spike
usually occurs through the SenseFET, caused by
primary-side capacitance and secondary-side rectifier
reverse recovery. Excessive voltage across the Rsense
resistor would lead to incorrect feedback operation in the
current-mode PWM control. To counter this effect, the
power switch employs a leading-edge blanking (LEB)
circuit. This circuit inhibits the PWM comparator for a
short time (tLEB) after the SenseFET is turned on.
3. Synchronization: The FSQ-series employs a quasi-
resonant switching technique to minimize the switching
noise and loss. The basic waveforms of the quasi-
resonant converter are shown in Figure 25. To minimize
the MOSFET's switching loss, the MOSFET should be
turned on when the drain voltage reaches its minimum
value, which is indirectly detected by monitoring the VCC
winding voltage, as shown in Figure 25.
Figure 25. Quasi-Resonant Switching Waveforms
8V/12V
3
VREF
Internal
Bias
VCC
6
VSTR
Istart
Vcc good
VDC
CVCC
FSQ0565 Rev.00
4
OSC
VCC
VREF
Idelay
IFB
VSD
R
3R
Gate
driver
OLP
D1
D2
+
VFB*
-
VFB
KA431
CB
VO
H11A817A
Rsense
SenseFET
FSQ0565 Rev.00
VDC
VRO
VRO
Vds
TF
1.2V
Vsync
230ns Delay
1.0V
ON
ON
Vovp (8V)
MOSFET Gate
FSQ0565 Rev.00
www.onsemi.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com