Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCM0565R Datasheet(PDF) 17 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FSCM0565R Datasheet HTML 13Page - ON Semiconductor FSCM0565R Datasheet HTML 14Page - ON Semiconductor FSCM0565R Datasheet HTML 15Page - ON Semiconductor FSCM0565R Datasheet HTML 16Page - ON Semiconductor FSCM0565R Datasheet HTML 17Page - ON Semiconductor FSCM0565R Datasheet HTML 18Page - ON Semiconductor FSCM0565R Datasheet HTML 19Page - ON Semiconductor FSCM0565R Datasheet HTML 20Page - ON Semiconductor FSCM0565R Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.onsemi.com
16
7. Switching Frequency Limit: To minimize switching
loss and Electromagnetic Interference (EMI), the
MOSFET turns on when the drain voltage reaches its
minimum value in quasi-resonant operation. However,
this causes switching frequency to increases at light load
conditions. As the load decreases or input voltage
increases, the peak drain current diminishes and the
switching frequency increases. This results in severe
switching losses at light-load condition, as well as
intermittent switching and audible noise. These problems
create limitations for the quasi-resonant converter
topology in a wide range of applications.
Figure 35. QRC Operation with Limited Frequency
To overcome these problems, FSQ-series employs a
frequency-limit function, as shown in Figures 35 and 36.
Once the SenseFET is turned on, the next turn-on is
prohibited during the blanking time (tB). After the
blanking time, the controller finds the valley within the
detection time window (tW) and turns on the MOSFET, as
shown in Figures 35 and Figure 36 (Cases A, B, and C).
If no valley is found during tW, the internal SenseFET is
forced to turn on at the end of tW (Case D). Therefore,
the devices have a minimum switching frequency of
48kHz and a maximum switching frequency of 67kHz.
8. AVS (Alternating Valley Switching): Due to the
quasi-resonant operation with limited frequency, the
switching frequency varies depending on input voltage,
load transition, and so on. At high input voltage, the
switching on time is relatively small compared to low
input voltage. The input voltage variance is small and the
switching frequency modulation width becomes small. To
improve the EMI performance, AVS is enabled when
input voltage is high and the switching on time is small.
Internally, quasi-resonant operation is divided into two
categories; one is first-valley switching and the other is
second-valley switching after blanking time. In AVS, two
successive occurrences of first-valley switching and the
other two successive occurrences of second-valley
switching is alternatively selected to maximize frequency
modulation. As depicted in Figure 36, the switching
frequency hops when the input voltage is high. The
internal timing diagram of AVS is described in Figure 37.
Figure 36. Switching Frequency Range
ts
max=21μs
ts
max=21
μs
tB=15μs
ts
tB=15μs
ts
ts
IDS
IDS
IDS
IDS
IDS
IDS
IDS
IDS
A
B
C
D
tW=6μs
tB=15μs
tB=15μs
FSQ0565 Rev. 00
VDS
VDS
VDS
VDS
53kHz
67kHz
59kHz
Constant
frequency
VIN
Assume the resonant period is 2 us
fs
s
μ
21
1
s
μ
15
1
s
μ
17
1
AVS trigger point
48kHz
s
19
1
μ
AVS region
CCM
DCM
Variable frequency within limited range
DB
CA
FSQ0565 Rev.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com