Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCM0565R Datasheet(PDF) 12 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FSCM0565R Datasheet HTML 8Page - ON Semiconductor FSCM0565R Datasheet HTML 9Page - ON Semiconductor FSCM0565R Datasheet HTML 10Page - ON Semiconductor FSCM0565R Datasheet HTML 11Page - ON Semiconductor FSCM0565R Datasheet HTML 12Page - ON Semiconductor FSCM0565R Datasheet HTML 13Page - ON Semiconductor FSCM0565R Datasheet HTML 14Page - ON Semiconductor FSCM0565R Datasheet HTML 15Page - ON Semiconductor FSCM0565R Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25°C.
Figure 17. Sync High Threshold Voltage 1
(VSH1) vs. TA
Figure 18. Sync Low Threshold Voltage 1
(VSL1) vs. TA
Figure 19. Shutdown Feedback Voltage (VSD) vs. TA
Figure 20. Over-Voltage Protection (VOV) vs. TA
Figure 21. Sync High Threshold Voltage 2
(VSH2) vs. TA
Figure 22. Sync Low Threshold Voltage 2
(VSL2) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
www.onsemi.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com