Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCM0565R Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSCM0565R
Description  Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCM0565R Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSCM0565R Datasheet HTML 16Page - ON Semiconductor FSCM0565R Datasheet HTML 17Page - ON Semiconductor FSCM0565R Datasheet HTML 18Page - ON Semiconductor FSCM0565R Datasheet HTML 19Page - ON Semiconductor FSCM0565R Datasheet HTML 20Page - ON Semiconductor FSCM0565R Datasheet HTML 21Page - ON Semiconductor FSCM0565R Datasheet HTML 22Page - ON Semiconductor FSCM0565R Datasheet HTML 23Page - ON Semiconductor FSCM0565R Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
6. Demo Board Part List
Part
Value
Note
Part
Value
Note
Resistor
C205
47nF/50V
Film (Sehwa)
R101
1M
Ω
1W
C301
4.7nF/1kV
Y-cap(Samwha)
R102
75k
Ω
1/2W
Inductor
R103
43k
Ω
1W
L201
5µH
5A Rating
R104
0
Ω
jumper
L202
5µH
5A Rating
R105
100
Ω
optional, 1/4W
Diode
R107
39k
Ω
1/4W, 1%
D101
IN4007
VISHAY
R108
27k
Ω
1/4W, 1%
D102
UF4004
VISHAY
R201
620
Ω
1/4W
ZD101
1N4745A
1W 16V Zener Diode
(optional)
R202
1.2k
Ω
1/4W
D201
MBRF10H100
10A,100V Schottky Rectifier
R203
18k
Ω
1/4W, 1%
D202
MBRF1060
10A,60V Schottky Rectifier
R204
8k
Ω
1/4W, 1%
IC
R205
8k
Ω
1/4W, 1%
IC101
FSQ0565RS
Power Switch
Capacitor
IC201
KA431 (TL431)
Voltage Reference
C101
150nF/275VAC
Box Capacitor(PILKOR)
IC202
FOD817A
Opto-Coupler
C102
150nF/275VAC
Box Capacitor(PILKOR)
Fuse
C103
100µF/400V
Electrolytic (Samwha)
Fuse
2A/250V
C104
3.3nF/630V
Film (Sehwa)
NTC
C105
33nF/50V
Film (Sehwa)
RT101
5D-9
C106
100nF/50V
Mono (PILKOR)
Bridge Diode
C107
47µF/50V
Electrolytic (Samyoung)
BD101
2KBP06M
Bridge Diode
C201
1000µF/25V
Low-ESR Electrolytic
Capacitor(Samwha)
Line Filter
C202
1000µF/25V
Low-ESR Electrolytic
Capacitor(Samwha)
LF101
30mH
C203
2200µF/10V
Low-ESR Electrolytic
Capacitor(Samwha)
Transformer
C204
1000µF/10V
Low-ESR Electrolytic
Capacitor(Samwha)
T1
EER3016
Ae=109.7mm2
www.onsemi.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com