Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 155 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 155 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 151Page - STMicroelectronics LSM6DSRX Datasheet HTML 152Page - STMicroelectronics LSM6DSRX Datasheet HTML 153Page - STMicroelectronics LSM6DSRX Datasheet HTML 154Page - STMicroelectronics LSM6DSRX Datasheet HTML 155Page - STMicroelectronics LSM6DSRX Datasheet HTML 156Page - STMicroelectronics LSM6DSRX Datasheet HTML 157Page - STMicroelectronics LSM6DSRX Datasheet HTML 158Page - STMicroelectronics LSM6DSRX Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 171 page
background image
6
Functionality .....................................................................28
6.1
Operating modes.............................................................. 28
6.2
Gyroscope power modes ....................................................... 28
6.3
Accelerometer power modes .................................................... 28
6.4
Block diagram of filters ......................................................... 28
6.4.1
Block diagrams of the accelerometer filters.................................... 29
6.4.2
Block diagrams of the gyroscope filters ....................................... 30
6.5
OIS ......................................................................... 32
6.6
FIFO ........................................................................ 33
6.6.1
Bypass mode .......................................................... 34
6.6.2
FIFO mode ............................................................ 34
6.6.3
Continuous mode ....................................................... 34
6.6.4
Continuous-to-FIFO mode................................................. 34
6.6.5
Bypass-to-Continuous mode ............................................... 34
6.6.6
Bypass-to-FIFO mode.................................................... 35
6.6.7
FIFO reading procedure .................................................. 35
7
Application hints .................................................................36
7.1
LSM6DSRX electrical connections in Mode 1 ...................................... 36
7.2
LSM6DSRX electrical connections in Mode 2 ...................................... 37
7.3
LSM6DSRX electrical connections in Mode 3 and Mode 4 ........................... 38
8
Register mapping.................................................................41
9
Register description ..............................................................44
9.1
FUNC_CFG_ACCESS (01h) .................................................... 44
9.2
PIN_CTRL (02h) .............................................................. 44
9.3
S4S_TPH_L (04h)............................................................. 45
9.4
S4S_TPH_H (05h) ............................................................ 45
9.5
S4S_RR (06h) ................................................................ 45
9.6
FIFO_CTRL1 (07h) ............................................................ 46
9.7
FIFO_CTRL2 (08h) ............................................................ 46
9.8
FIFO_CTRL3 (09h) ............................................................ 47
9.9
FIFO_CTRL4 (0Ah)............................................................ 48
LSM6DSRX
Contents
DS13007 - Rev 3
page 155/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com