Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 158 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 158 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 154Page - STMicroelectronics LSM6DSRX Datasheet HTML 155Page - STMicroelectronics LSM6DSRX Datasheet HTML 156Page - STMicroelectronics LSM6DSRX Datasheet HTML 157Page - STMicroelectronics LSM6DSRX Datasheet HTML 158Page - STMicroelectronics LSM6DSRX Datasheet HTML 159Page - STMicroelectronics LSM6DSRX Datasheet HTML 160Page - STMicroelectronics LSM6DSRX Datasheet HTML 161Page - STMicroelectronics LSM6DSRX Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 171 page
background image
10
Embedded functions register mapping ............................................91
11
Embedded functions register description .........................................93
11.1
PAGE_SEL (02h) ............................................................. 93
11.2
EMB_FUNC_EN_A (04h)....................................................... 93
11.3
EMB_FUNC_EN_B (05h)....................................................... 94
11.4
PAGE_ADDRESS (08h) ........................................................ 94
11.5
PAGE_VALUE (09h) ........................................................... 94
11.6
EMB_FUNC_INT1 (0Ah) ....................................................... 95
11.7
FSM_INT1_A (0Bh) ........................................................... 96
11.8
FSM_INT1_B (0Ch) ........................................................... 97
11.9
MLC_INT1 (0Dh) .............................................................. 98
11.10 EMB_FUNC_INT2 (0Eh) ....................................................... 99
11.11 FSM_INT2_A (0Fh)...........................................................100
11.12 FSM_INT2_B (10h)...........................................................101
11.13 MLC_INT2 (11h) .............................................................102
11.14 EMB_FUNC_STATUS (12h) ...................................................103
11.15 FSM_STATUS_A (13h)........................................................103
11.16 FSM_STATUS_B (14h)........................................................104
11.17 MLC_STATUS (15h) ..........................................................104
11.18 PAGE_RW (17h) .............................................................105
11.19 EMB_FUNC_FIFO_CFG (44h) .................................................105
11.20 FSM_ENABLE_A (46h) .......................................................106
11.21 FSM_ENABLE_B (47h) .......................................................106
11.22 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 107
11.23 FSM_LONG_COUNTER_CLEAR (4Ah) .........................................107
11.24 FSM_OUTS1 (4Ch) ..........................................................108
11.25 FSM_OUTS2 (4Dh) ..........................................................108
11.26 FSM_OUTS3 (4Eh)...........................................................109
11.27 FSM_OUTS4 (4Fh)...........................................................109
11.28 FSM_OUTS5 (50h) ........................................................... 110
LSM6DSRX
Contents
DS13007 - Rev 3
page 158/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com