Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 160 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 160 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 156Page - STMicroelectronics LSM6DSRX Datasheet HTML 157Page - STMicroelectronics LSM6DSRX Datasheet HTML 158Page - STMicroelectronics LSM6DSRX Datasheet HTML 159Page - STMicroelectronics LSM6DSRX Datasheet HTML 160Page - STMicroelectronics LSM6DSRX Datasheet HTML 161Page - STMicroelectronics LSM6DSRX Datasheet HTML 162Page - STMicroelectronics LSM6DSRX Datasheet HTML 163Page - STMicroelectronics LSM6DSRX Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 171 page
background image
13.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) ............................... 127
13.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) .............................. 127
13.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h) .............................. 128
13.1.7
MAG_SI_XZ_L (CAh) and MAG_SI_XZ_H (CBh) .............................. 128
13.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh) ............................. 129
13.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh) .............................. 129
13.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) .............................. 130
13.1.11 MAG_CFG_A (D4h) .................................................... 131
13.1.12 MAG_CFG_B (D5h) .................................................... 131
13.2
Page 1 - Embedded advanced features registers ..................................132
13.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 132
13.2.2
FSM_PROGRAMS (7Ch) ................................................ 132
13.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 133
13.2.4
PEDO_CMD_REG (83h)................................................. 133
13.2.5
PEDO_DEB_CONF (84h) ................................................ 133
13.2.6
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h) .................. 134
13.2.7
MLC_MAG_SENSITIVITY_L (E8h) and MLC_MAG_SENSITIVITY_H (E9h) ......... 134
14
Sensor hub register mapping ................................................... 135
15
Sensor hub register description................................................. 137
15.1
SENSOR_HUB_1 (02h) .......................................................137
15.2
SENSOR_HUB_2 (03h) .......................................................137
15.3
SENSOR_HUB_3 (04h) .......................................................137
15.4
SENSOR_HUB_4 (05h) .......................................................138
15.5
SENSOR_HUB_5 (06h) .......................................................138
15.6
SENSOR_HUB_6 (07h) .......................................................138
15.7
SENSOR_HUB_7 (08h) .......................................................139
15.8
SENSOR_HUB_8 (09h) .......................................................139
15.9
SENSOR_HUB_9 (0Ah).......................................................139
15.10 SENSOR_HUB_10 (0Bh)......................................................140
15.11 SENSOR_HUB_11 (0Ch)......................................................140
15.12 SENSOR_HUB_12 (0Dh)......................................................140
LSM6DSRX
Contents
DS13007 - Rev 3
page 160/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com