Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6283TX Datasheet(PDF) 51 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 47Page - STMicroelectronics VD6283TX Datasheet HTML 48Page - STMicroelectronics VD6283TX Datasheet HTML 49Page - STMicroelectronics VD6283TX Datasheet HTML 50Page - STMicroelectronics VD6283TX Datasheet HTML 51Page - STMicroelectronics VD6283TX Datasheet HTML 52Page - STMicroelectronics VD6283TX Datasheet HTML 53Page - STMicroelectronics VD6283TX Datasheet HTML 54Page - STMicroelectronics VD6283TX Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
10.5
Lead-free solder reflow process
The table and figure below show the recommended and maximum values for the solder profile. Customers will
have to tune the reflow profile depending on the PCB, solder paste, and material used. We expect customers to
follow the “recommended” reflow profile, which is specifically tuned for the VD6283 package. For any reason, if a
customer must perform a reflow profile which is different from the “recommended” one (especially peak >240 °C),
this new profile must be qualified by the customer at their own risk. In any case, the profile has to be within the
“maximum” profile limit described in the figure below.
Table 24. Recommended soldering profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TSmin)
Maximum temperature (TSmax)
Time ts (TSmin to TSmax)
100
180
80
150
200
60-120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
180
110
1.5
217
60-150
3
°C
s
°C/s
Temperature (Tp-10)
Time (as index)
Ramp up
230
—
0.5
250
30
3
°C
s
°C/s
Peak temperature (Tp)
240
260
°C
Time to peak
220
480
s
Ramp down (peak to TL)
-2
-6
°C/s
Note:
The temperature mentioned in the above table is measured on top of the VD6283 package.
Note:
The VD6283 can sustain up to three passes maximum through the recommended solder reflow profile.
Figure 26. Soldering profile
VD6283TX
Lead-free solder reflow process
DS13735 - Rev 1
page 51/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com