Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6283TX Datasheet(PDF) 35 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 31Page - STMicroelectronics VD6283TX Datasheet HTML 32Page - STMicroelectronics VD6283TX Datasheet HTML 33Page - STMicroelectronics VD6283TX Datasheet HTML 34Page - STMicroelectronics VD6283TX Datasheet HTML 35Page - STMicroelectronics VD6283TX Datasheet HTML 36Page - STMicroelectronics VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
6
Electrical characteristics
The table gives an overview of the VD6283 current consumption in different operating states.
Table 13. Current consumption in different operating states
Parameter
Min.
Typ.
Max.
Unit
Idle (no I2C activity)
—
3
5
µA
Inter measurement
5
10
ALS only
1 channel
350
400
ALS only
5 channels
450
500
Flicker only
1 channel
640
800
ALS + flicker
5 channels + 1 channel simultaneously
760
850
Note:
All current consumption values include silicon process variations.
Note:
In ambient light, temperature and voltage are at nominal conditions (25 °C and 1.8 V).
Note:
The flicker operation is performed as shown in Figure 4. Application schematic, ALS and flicker in analog format.
One possible application use is given in the figure below.
Figure 14. ALS only, Single shot mode
VD6283TX
Electrical characteristics
DS13735 - Rev 1
page 35/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com