Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6283TX Datasheet(PDF) 41 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics VD6283TX Datasheet HTML 40Page - STMicroelectronics VD6283TX Datasheet HTML 41Page - STMicroelectronics VD6283TX Datasheet HTML 42Page - STMicroelectronics VD6283TX Datasheet HTML 43Page - STMicroelectronics VD6283TX Datasheet HTML 44Page - STMicroelectronics VD6283TX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Table 21. Blue channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
Blue channel,
irradiance responsivity
before calibration
White LED (CCT = 4000 K)
16-bit ADC readout
AGAIN = 10x
11.6
14.6
17.4
Counts/(µW/cm²)
Blue channel,
irradiance responsivity
after calibration
13.1
14.6
16.0
Table 22. IR channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
IR channel,
irradiance responsivity
before calibration
IR LED (λP = 850 nm)
16-bit ADC readout
AGAIN = 10x
68.8
86.0
103.2
Counts/(µW/cm²)
IR channel,
irradiance responsivity
after calibration
77.4
86.0
94.6
Note:
Irradiance measurements are performed with an R203 radiometer RFF-Cos filter in the ST laboratories.
Note:
The main characteristic of white LED is a nominal color temperature of 4000 K
(reference: L130-4080001400001).
Note:
The main characteristics of IR LED are: peak wavelength of λP = 850 nm, and spectral half width ΔλIR = 30 nm
(reference: MTE8600MT).
VD6283TX
Channel sensitivity
DS13735 - Rev 1
page 41/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com