Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6283TX Datasheet(PDF) 36 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 32Page - STMicroelectronics VD6283TX Datasheet HTML 33Page - STMicroelectronics VD6283TX Datasheet HTML 34Page - STMicroelectronics VD6283TX Datasheet HTML 35Page - STMicroelectronics VD6283TX Datasheet HTML 36Page - STMicroelectronics VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics VD6283TX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Table 14. Digital I/O electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
GPIO1/GPIO2
VIL
Low level input voltage
—
—
0.3 * VDD
V
VIH
High level input voltage
0.7 * VDD
—
VOL
Low level output voltage (IOUT = 4 mA)
—
0.4
VOH
High level output voltage (IOUT = 4 mA)
VDD – 0.4
—
I²C interface (SDA / SCL)
VIL
Low level input voltage
-0.5
—
0.3 * VDD
V
VIH
High level input voltage
0.7 * VDD
VDD + 0.5
VOL
Low level output voltage (IOUT = 2 mA
in Standard and Fast modes)
—
0.2 * VDD
IOL1
Low level output current 1,
SDA_DRV_CFG = ’000’, VOL = 0.4 V
4
—
mA
IOL2
Low level output current 2,
SDA_DRV_CFG = ’001’, VOL = 0.4 V
8
IOL3
Low level output current 3,
SDA_DRV_CFG = ’010’, VOL = 0.4 V
12
IOL4
Low level output current 4,
SDA_DRV_CFG = ’011’, VOL = 0.4 V
16
IOL5(1)
Low level output current 5,
SDA_DRV_CFG = ’100’, VOL = 0.4 V
20
IIL/IH
Leakage current, VDD = 0 V,
0.1*VDD < VIL <0.9*VDD
-10
10
µA
1. Recommended value for I2C Fast mode plus. Please refer to Table 5. Recommended pull up resistors and SDA driver
settings for I2C modes
VD6283TX
Electrical characteristics
DS13735 - Rev 1
page 36/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com