Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6283TX Datasheet(PDF) 40 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 36Page - STMicroelectronics VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics VD6283TX Datasheet HTML 40Page - STMicroelectronics VD6283TX Datasheet HTML 41Page - STMicroelectronics VD6283TX Datasheet HTML 42Page - STMicroelectronics VD6283TX Datasheet HTML 43Page - STMicroelectronics VD6283TX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
8.2
Channel sensitivity
Unless otherwise stated: Tamb = 25 °C, typical supply (VDD) voltage = 1.8 V, and EXTIME = 50 ms. ST performs
a light calibration of every part in production, with individual adjustment of counts into the product memory. A
calibration factor is stored in the VD6283 OTP memory and calibrated data can be retrieved through the software
driver.
Table 17. Clear channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
Clear channel,
irradiance responsivity
before calibration
White LED (CCT = 4000 K)
16-bit ADC readout
AGAIN = 5x
49.9
62.3
74.8
Counts/(µW/cm²)
Clear channel,
irradiance responsivity
after calibration
56.1
62.3
68.6
Table 18. Visible channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
Visible channel,
irradiance responsivity
before calibration
White LED (CCT = 4000 K)
16-bit ADC readout
AGAIN = 10x
39.7
49.7
59.6
Counts/(µW/cm²)
Visible channel,
irradiance responsivity
after calibration
44.7
49.7
54.6
Table 19. Red channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
Red channel,
irradiance responsivity
before calibration
White LED (CCT = 4000 K)
16-bit ADC readout
AGAIN = 10x
11.7
14.6
17.5
Counts/(µW/cm²)
Red channel,
irradiance responsivity
after calibration
13.1
14.6
16.0
Table 20. Green channel
Parameter
Conditions
Min.
Typ.
Max.
Unit
Green channel,
irradiance responsivity
before calibration
White LED (CCT = 4000 K)
16-bit ADC readout
AGAIN = 10x
23.6
29.5
35.4
Counts/(µW/cm²)
Green channel,
irradiance responsivity
after calibration
26.5
29.5
32.4
VD6283TX
Channel sensitivity
DS13735 - Rev 1
page 40/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com