Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 27Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 28Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 29Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 30Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 31Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 32Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
– 29 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
RA42
24011151
CHIP, METAL FILM, 1/20W 150 OHM J
RA43
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA44
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA45
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA46
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA49
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA51
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA52
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA54
24011332
METAL FILM CHIP 1/20W 3.3K J
RA55
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA59
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA60
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA71
24366273
CARBON FILM, 1/6W 27K OHM J
RA72
24011332
METAL FILM CHIP 1/20W 3.3K J
RA72
24366153
CARBON FILM, 1/6W 15K OHM J
RA73
24011471
METAL FILM CHIP 1/20W 470 J
RA73
24366822
CARBON FILM, 1/6W 8.2K OHM J
RA74
24011153
CHIP, METAL FILM, 1/2OW 15K OHM J
RA75
24011153
CHIP, METAL FILM, 1/2OW 15K OHM J
RA76
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA76
24366822
CARBON FILM, 1/6W 8.2K OHM J
RA77
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA77
24366153
CARBON FILM, 1/6W 15K OHM J
RA78
24011333
METAL FILM CHIP 1/20W 33K J
RA78
24366273
CARBON FILM, 1/6W 27K OHM J
RA79
24011333
METAL FILM CHIP 1/20W 33K J
RA80
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA81
24011473
METAL FILM CHIP 1/20W 47K J
RA021
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA031
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA116
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA161
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA191
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA192
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA195
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA196
24011472
METAL FILM CHIP 1/20W 4.7K J
RA197
24011472
METAL FILM CHIP 1/20W 4.7K J
RA198
24011472
METAL FILM CHIP 1/20W 4.7K J
RA199
24011472
METAL FILM CHIP 1/20W 4.7K J
RA210
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA211
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA212
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA221
24366153
CARBON FILM, 1/6W 15K OHM J
RA361
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA401
24011471
METAL FILM CHIP 1/20W 470 J
RA431
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA703
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA705
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA708
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RB03
24011330
METAL FILM CHIP 1/20W 33 J
RB05
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB11
24366271
CARBON FILM, 1/6W 270 OHM J
RB12
24366103
CARBON FILM, 1/6W 10K OHM J
RB13
24366470
CARBON FILM, 1/6W 47 OHM J
RB14
24011153
CHIP, METAL FILM, 1/2OW 15K OHM J
RB15
24011153
CHIP, METAL FILM, 1/2OW 15K OHM J
RB16
24011471
METAL FILM CHIP 1/20W 470 J
RB17
24011332
METAL FILM CHIP 1/20W 3.3K J
RB28
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB29
24011472
METAL FILM CHIP 1/20W 4.7K J
RB30
24366103
CARBON FILM, 1/6W 10K OHM J
RB30
24011472
METAL FILM CHIP 1/20W 4.7K J
RB31
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RB32
24011274
METAL FILM CHIP 1/20W 270K J
RB33
24011123
CHIP, METAL FILM, 1/20W 12K OHM J
RB34
24011392
METAL FILM CHIP 1/20W 3.9K J
RB35
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RB37
24011302
METAL FILM CHIP 1/20W 3K J
RB38
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RB39
24011183
METAL FILM CHIP 1/20W 18K J
RB41
24366123
CARBON FILM, 1/6W 12K OHM J
RB41
24011151
CHIP, METAL FILM, 1/20W 150 OHM J
RB42
24366153
CARBON FILM, 1/6W 15K OHM J
RB46
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RB49
24011331
METAL FILM CHIP 1/20W 330 J
RB90
24011392
METAL FILM CHIP 1/20W 3.9K J
RB91
24011473
METAL FILM CHIP 1/20W 47K J
RB92
24011271
METAL FILM CHIP 1/20W 270 J
RB93
24011271
METAL FILM CHIP 1/20W 270 J
RB94
24011222
METAL FILM CHIP 1/20W 2.2K J
RB95
24011222
METAL FILM CHIP 1/20W 2.2K J
RB96
24011273
METAL FILM CHIP 1/20W 27K J
RB97
24011273
METAL FILM CHIP 1/20W 27K J
RB98
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB031
24011330
METAL FILM CHIP 1/20W 33 J
RB032
24011330
METAL FILM CHIP 1/20W 33 J
RB033
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RB051
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB052
24011332
METAL FILM CHIP 1/20W 3.3K J
RB511
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB512
24011100
CHIP, METAL FILM, 1/20W 10 OHM J
RB551
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB552
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RB553
24011332
METAL FILM CHIP 1/20W 3.3K J
RD02
24366101
CARBON FILM, 1/6W 100 OHM J
RD03
24366105
CARBON FILM, 1/6W 1M OHM J
RD04
24366221
CARBON FILM, 1/6W 220 OHM J
RD05
24366101
CARBON FILM, 1/6W 100 OHM J
RD07
24366101
CARBON FILM, 1/6W 100 OHM J
RD23
24366101
CARBON FILM, 1/6W 100 OHM J
RD29
24366101
CARBON FILM, 1/6W 100 OHM J
RD41
24366123
CARBON FILM, 1/6W 12K OHM J
RD42
24366223
CARBON FILM, 1/6W 22K OHM J
RD43
24366182
CARBON FILM, 1/6W 1.8K OHM J
RD44
24366123
CARBON FILM, 1/6W 12K OHM J
RD45
24366333
CARBON FILM, 1/6W 33K OHM J
RD46
24366272
CARBON FILM, 1/6W 2.7K OHM J
RD47
24366104
CARBON FILM, 1/6W 100K OHM J
RD48
24366153
CARBON FILM, 1/6W 15K OHM J
RD49
24366562
CARBON FILM, 1/6W 5.6K OHM J
RD60
24366222
CARBON FILM, 1/6W 2.2K OHM J
RD61
24366682
CARBON FILM, 1/6W 6.8K OHM J
RD62
24366109
CARBON FILM, 1/6W 1 OHM J
RD72
24366103
CARBON FILM, 1/6W 10K OHM J
RD73
24366101
CARBON FILM, 1/6W 100 OHM J
RD74
24366101
CARBON FILM, 1/6W 100 OHM J
RD75
24366473
CARBON FILM, 1/6W 47K OHM J
RD76
24366122
CARBON FILM, 1/6W 1.2K OHM J
RD77
24366473
CARBON FILM, 1/6W 47K OHM J
RD78
24366122
CARBON FILM, 1/6W 1.2K OHM J
RD101
24366393
CARBON FILM, 1/6W 39K OHM J
RD102
24366393
CARBON FILM, 1/6W 39K OHM J
RD104
24366101
CARBON FILM, 1/6W 100 OHM J
RD107
24366101
CARBON FILM, 1/6W 100 OHM J
RD109
24366223
CARBON FILM, 1/6W 22K OHM J
RD110
24366473
CARBON FILM, 1/6W 47K OHM J
RD113
24366101
CARBON FILM, 1/6W 100 OHM J
RD114
24366221
CARBON FILM, 1/6W 220 OHM J
RD115
24366101
CARBON FILM, 1/6W 100 OHM J
RD116
24366101
CARBON FILM, 1/6W 100 OHM J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com