Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 19Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 20Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 24Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
– 23 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
CS676
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV01
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV02
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV04
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV05
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV07
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV08
24763102
ELECTROLYTIC CE04G 16V 1000UF M
CV12
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV18
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV21
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV22
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV23
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV27
24762471
ELECTROLYTIC CE04G 10V 470UF M
CV29
24794101
ELECTROLYTIC, 16V 100UF M
CV30
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV75
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV90
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV91
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV92
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV100
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV120
24794100
ELECTROLYTIC CE04G 16V 10UF M
CV246
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CV247
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV248
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV262
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV266
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV269
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV272
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV275
24794470
ELECTORLYTIC CE04G 16V 47UF M
CV501
24619157
MENJISSOU TYP 16V100U
CV505
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CW08
24794100
ELECTROLYTIC CE04G 16V 10UF M
CW09
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CX101
24619046
MENNJISSOU, 470U UWX1C470MCR1
CX102
24619046
MENNJISSOU, 470U UWX1C470MCR1
CX111
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX112
24105181
CERAMIC CHIP CC73CH 50V 180PF J
CX113
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CX114
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX115
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX116
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX117
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX118
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX119
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CX121
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX122
24105121
CERAMIC CHIP CC73CH 50V 120PF J
CX123
24105151
CERAMIC CHIP CC73CH 50V 150PF J
CX124
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CX125
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX126
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX127
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX128
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX131
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX132
24105121
CERAMIC CHIP CC73CH 50V 120PF J
CX133
24105151
CERAMIC CHIP CC73CH 50V 150PF J
CX134
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CX135
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX136
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX137
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX141
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX142
24105181
CERAMIC CHIP CC73CH 50V 180PF J
CX143
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CX144
24105121
CERAMIC CHIP CC73CH 50V 120PF J
CX145
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX146
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX147
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX151
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX152
24105121
CERAMIC CHIP CC73CH 50V 120PF J
CX153
24105151
CERAMIC CHIP CC73CH 50V 150PF J
CX154
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CX155
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX156
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX157
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX161
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX162
24105121
CERAMIC CHIP CC73CH 50V 120PF J
CX163
24105151
CERAMIC CHIP CC73CH 50V 150PF J
CX164
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CX165
24092616
CERAMIC CHIP CK732B 16V 330000PF K
CX166
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX167
24619042
ELEC. CHIP CE24W 16V 22UF M 3A
CX171
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX172
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX173
24619070
MENNJISSOU, 1U 50V UWX1H010MCR1
CX174
24619157
MENJISSOU TYP 16V100U
CX175
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX176
24619157
MENJISSOU TYP 16V100U
CX177
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX178
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX179
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX181
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX182
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX183
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX184
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX185
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX186
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX193
24092730
CERAMIC CHIP, 16V 0.1UF K
CX205
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CX206
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX207
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX221
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX222
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX223
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX224
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX225
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX226
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX227
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX228
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX229
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX230
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX241
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX242
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX243
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX244
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX245
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX246
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX248
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX249
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX250
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX252
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX253
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX257
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX261
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX262
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX263
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX264
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX265
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX266
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX267
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX269
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX270
24619040
ELEC. CHIP CE24W 16V 10UF M 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com