Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 10Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 11Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 12Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 13Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 14Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 15Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 16Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 17Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
– 14 –
SETTING & ADJUSTING DATA
36"
32"
HIGH VOLTAGE AT ZERO BEAM:
(A)
32.7 kV
32.7 kV
MAX HIGH VOLTAGE:
(B)
34.1 kV
34.1 kV
Table-1
RCUT
GCUT
BCUT
GDRV
BDRV
BRTC
TNTC
SCOL
SCNT
HIT
LIN
VSC
VPS2
VCP
WID
PARA
R CUTOFF
G CUTOFF
B CUTOFF
G DRIVE
B DRIVE
BRIGHT CENT
TINT CENT
SUB-COLOR
SUB-CONTRAST
HEIGHT
V-LINEARITY
V-S CORRECTION
V-SHIFT
V-COMPENSATION
PICTURE WIDTH
E-W PARABOLA
SERVICE MODE
ADJUSTING ITEMS AND DATAS IN THE SERVICE MODE:
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
Item
Name of adjustment
Item
Name of adjustment
Preset
Table-2
OPTION: (PROGRESSIVE 4:3 DV)
40H
40H
40H
40H
40H
80H
44H
06H
12H
40H
14H
36H
02H
02H
31H
16H
Preset
13H
33H
02H
0CH
3FH
—
—
2CH
04H
40H
10H
15H
4AH
25H
18H
CNR
TRAP
HCP
VFC
HPS
BLKS
BLKE
GMPS
CPAR
PHUE
PCNT
PCOL
OPT1
OPT2
TVOP
E-W CORNER
TRAPEZIUM
H-CONMPENSATION
V-F CORRECTION
H-POSITION
BLANKING START
BLANKING END
GMPS
CENTER PARA
PIP TINT
PIP CONTRAST
PIP COLOR
Data
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
Data
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
Table-3
CIRCUIT CHECKS
Table-4
FBT DETECTION VOLTAGE
(C)
18.9 V
OPT1 (2CAH)
OPT2(2CBH)
MODELS
HEX
HEX
36HFX71
4AH
25H
32HFX71
4AH
25H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com