Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 16Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 17Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 18Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 19Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 20Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
– 20 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
C464
24640900
CAPACITOR ELEC,CE04W 100V 4.7MF
CE04W2A4R7
* C465
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C466
24503041
MT PLA CAP 63V 0.1UF J
* C467
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C468
24567474
PLASTIC FILM, 50V 0.47UF J
* C469
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C470
24766220
ELECTROLYTIC CE04G 50V 22UF M
C471
24766479
ELECTROLYTIC, 50V 4.7UF M
C472
24567474
PLASTIC FILM, 50V 0.47UF J
C475
24214102
CERAMIC DISK CK45 B 500V 1000PF K
C476
24214471
CERAMIC DISK CK45 B 500V 470PF K
C477
24666220
ELECTROLYTIC, 16V 22UF M 3A
C480
24794100
ELECTROLYTIC CE04G 16V 10UF M
C481
24214221
CERAMIC DISK CK45 B 500V 220PF K
C481
24794100
ELECTROLYTIC CE04G 16V 10UF M
C482
24109122
CERAMIC CHIP CC73B 50V 1200PF K
C488
24666100
ELECTROLYTIC, 10V 10UF M 3A
* C491
24082645
PLASTIC FILM CF92 T 400V R22UF J
(36HFX71)
* C491
24082910
CF92T2F154J (32HFX71)
* C492
24082645
PLASTIC FILM CF92 T 400V R22UF J
(36HFX71)
* C492
24082908
CF92T2F124J (32HFX71)
C497
24829243
PLASTIC FILM CQ92 T 400V 24000PF J
C499
24828823
PLASTIC FILM CQ92 T 200V 82000PF J
C501
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C502
24092730
CERAMIC CHIP, 16V 0.1UF K
C503
24619151
MENJISSOU TYP 6.3V470U
C504
24109222
CERAMIC CHIP CK73B 50V 2200PF K
C505
24105120
CERAMIC CHIP CC73CH 50V 12PF J
C506
24105120
CERAMIC CHIP CC73CH 50V 12PF J
C507
24105120
CERAMIC CHIP CC73CH 50V 12PF J
C508
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C509
24619157
MENJISSOU TYP 16V100U
C510
24092730
CERAMIC CHIP, 16V 0.1UF K
C511
24619157
MENJISSOU TYP 16V100U
C512
24092463
CERAMIC CHIP CK732B 16V R22UF K
C513
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C513
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C514
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
C515
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C520
24539334
PLASTIC FILM, 50V 0.33UF J
C524
24092730
CERAMIC CHIP, 16V 0.1UF K
C525
24092730
CERAMIC CHIP, 16V 0.1UF K
C526
24092730
CERAMIC CHIP, 16V 0.1UF K
C527
24092730
CERAMIC CHIP, 16V 0.1UF K
C528
24092730
CERAMIC CHIP, 16V 0.1UF K
C529
24092730
CERAMIC CHIP, 16V 0.1UF K
C530
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C531
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C532
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C533
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C534
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C535
24092730
CERAMIC CHIP, 16V 0.1UF K
C536
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C537
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C540
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C541
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C542
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C546
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C547
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C560
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C561
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C562
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C563
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C564
24797229
ELECTROLYTIC, 50V 2.2UF M
C565
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C566
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C567
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C573
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C574
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C598
24073042
ELECTROLYTIC CE04P 16V 1000UF M 3A
C599
24073042
ELECTROLYTIC CE04P 16V 1000UF M 3A
C612
24668101
ELECTROLYTIC CE04Q 35V 100UF M 3A
C613
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C661
24109102
CERAMIC CHIP CK73B 50V 1000PF K
C662
24109102
CERAMIC CHIP CK73B 50V 1000PF K
C664
24794220
ELECTROLYTIC CE04G 16V 22UF M
C665
24794100
ELECTROLYTIC CE04G 16V 10UF M
C671
24669479
ELECTROLYTIC CE04Q 50V 4.7UF M 3A
C672
24669479
ELECTROLYTIC CE04Q 50V 4.7UF M 3A
C673
24669010
ELECTROLYTIC, 50V 1.0UF M 3A
C676
24503041
MT PLA CAP 63V 0.1UF J
C677
24503041
MT PLA CAP 63V 0.1UF J
C678
24669010
ELECTROLYTIC, 50V 1.0UF M 3A
C679
24667470
ELECTROLYTIC, 25V 47UF M 3A
C680
24109473
CERAMIC CHIP CK73B 25V 47000PFK
C681
24668471
ELECTROLYTIC, 35V 470UF M 3A
C682
24668102
ELECTROLYTIC CE04Q 35V 1000UF M 3A
C683
24668471
ELECTROLYTIC, 35V 470UF M 3A
C684
24668102
ELECTROLYTIC CE04Q 35V 1000UF M 3A
C686
24503041
MT PLA CAP 63V 0.1UF J
C704
24591822
PLASTIC FILM, 50V 8200PF J
C707
24794470
ELECTORLYTIC CE04G 16V 47UF M
C712
24666470
ELECTORLYTOC, 16V 47UF M 3A
C713
24709100
ELECTROLYTIC CE04G 200V 10UF M
C714
24436101
CERAMIC DISC CC45 SL 50V100PF J
C715
24214472
CERAMIC DISK CK45 B 500V 4700PF K
C716
24436101
CERAMIC DISC CC45 SL 50V100PF J
C717
24214472
CERAMIC DISK CK45 B 500V 4700PF K
C718
24766470
ELECTROLYTIC CE04G 50V 47UF M
C719
24435560
PCERA CAP SL 500V 560J
C720
24709100
ELECTROLYTIC CE04G 200V 10UF M
C721
24797470
ELECTROLYTIC, 50V 47UF M
C722
24436820
CERAMIC DISC CC45 SL 50V82PF J
C726
24212102
CERAMIC DISK CK45 B 50V 1000PF K
C801
24503002
MT PLA AC275V 0.22UF M
C805
24092623
CERAMIC DISC CKS45F 250V 10000PFZ
C806
24092623
CERAMIC DISC CKS45F 250V 10000PFZ
C807
24214103
CERAMIC DISK CK45 B 500V 10000PF K
C810
24086933
200V 1000M30F
C811
24092597
CERAMIC DISC CK45E AC250V 4700PF M
C812
24092597
CERAMIC DISC CK45E AC250V 4700PF M
C813
24092598
CERAMIC DISC CK45F AC250V 10000PF M
C814
24092598
CERAMIC DISC CK45F AC250V 10000PF M
C821
24794102
ELECTROLYTIC CE04G 16V 1000UF M
C822
24539334
PLASTIC FILM, 50V 0.33UF J
C823
24539334
PLASTIC FILM, 50V 0.33UF J
C824
24539334
PLASTIC FILM, 50V 0.33UF J
C825
24539334
PLASTIC FILM, 50V 0.33UF J
C826
24539334
PLASTIC FILM, 50V 0.33UF J
C827
24539334
PLASTIC FILM, 50V 0.33UF J
C828
24539334
PLASTIC FILM, 50V 0.33UF J
C829
24794470
ELECTORLYTIC CE04G 16V 47UF M
C837
24503041
MT PLA CAP 63V 0.1UF J
C838
24617026
ELECTORLYTIC, 820UF, 16V, M
C839
24794102
ELECTROLYTIC CE04G 16V 1000UF M
C840
24667222
ELECTROLYTIC CE04Q 25V 2200UF M 3A
C841
24503041
MT PLA CAP 63V 0.1UF J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com