Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 15Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 16Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 17Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 18Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 19Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 20Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
– 19 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
CAPACITORS
C102
24762471
ELECTROLYTIC CE04G 10V 470UF M
C103
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C105
24109102
CERAMIC CHIP CK73B 50V 1000PF K
C106
24797479
ELECTROLYTIC CE04G 50V 4.7UF M
C107
24794221
ELECTROIYTIC CE04G 16V 220UF M
C112
24762221
ELECTROLYTIC CE04G 10V 220UF M
C115
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C117
24794221
ELECTROIYTIC CE04G 16V 220UF M
C151
24109102
CERAMIC CHIP CK73B 50V 1000PF K
C201
24092730
CERAMIC CHIP, 16V 0.1UF K
C205
24797229
ELECTROLYTIC, 50V 2.2UF M
C206
24794220
ELECTROLYTIC CE04G 16V 22UF M
C211
24092730
CERAMIC CHIP, 16V 0.1UF K
C303
24214471
CERAMIC DISK CK45 B 500V 470PF K
C304
24693473
PLASTIC FILM CQ921 M 100V 0.047MF J
C306
24795332
ELECTROLYTIC CE04G 25V 3300UF M
C308
24797221
ELECTROLYTIC CE04G 50V 220UF M
C310
24797222
ELECTROLYTIC CE04G 50V 2200UF M
C312
24503037
MT PLA CAP 63V 0.047UF J
C313
24082057
PLASTIC FILM CF922 M 100V 220000PF J
C314
24793101
ELECTROLYTIC CE04G 10V 100UF M
C315
24619071
MENNJISSOU, 2.2U UWX1H2R2MCR1
C315
24212222
CERAMIC DISK CK45 B 50V 2200PF K
C318
24073041
ELECTROLYTIC CE04P 16V 470UF M 3A
C319
24591103
PLASTIC FILM, 50V 0.01MF J
C320
24797101
ELECTROLYTIC CE04G 50V 100UF M
C322
24617912
ELECTROLYTIC, 50V 2.2UF K 3A LI
C323
24591474
PLASTIC FILM, 50V 0.47MF J
C325
24591203
PLASTIC FILM, 50V 0.020MF J
C326
24212102
CERAMIC DISK CK45 B 50V 1000PF K
C327
24073041
ELECTROLYTIC CE04P 16V 470UF M 3A
C352
24617915
ELECTROLYTIC CE04CH 50V 1.0UF K 3A LI
C361
24591123
PLASTIC FILM, 50V 0.012MF J
C362
24503041
MT PLA CAP 63V 0.1UF J
C370
24669101
ELECTROLYTIC, 50V 100UF M 3A
C371
24668100
ELECTROLYTIC, 35V 10UF M 3A
C391
24794100
ELECTROLYTIC CE04G 16V 10UF M
C392
24085961
ELEC. NONPOLAR CE04J 50V 10UF M
11L NP
C393
24794100
ELECTROLYTIC CE04G 16V 10UF M
C396
24082825
PLASTIC FILM CF92 T 1800VH 1800PF H
C402
24092463
CERAMIC CHIP CK732B 16V R22UF K
C404
24619071
MENNJISSOU, 2.2U UWX1H2R2MCR1
C406
24109223
CERAMIC CHIP CK73B 25V 22000PF K
C410
24105221
CERAMIC CHIP CC73CH 50V 220PF J
C410
24829563
PLASTIC FILM CQ92 T 400V 56000PF J
C413
24214392
CERAMIC DISK CK45 B 500V 3900PF K
C415
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C416
24676330
ELECTROLYTIC CE04Q 100V 33UF M 3A
C417
24214391
CERAMIC DISK CK45 B 500V 390PF K
C424
24763101
ELECTROLYTIC CE04G 16V 100UF M
C425
24763101
ELECTROLYTIC CE04G 16V 100UF M
* C428
24082647
PLASTIC FILM CF92 T 400V R27UF J
C430
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C431
24763221
ELECTROLYTIC, 16V 220UF M
C432
24567474
PLASTIC FILM, 50V 0.47UF J
C434
24820332
PLASTIC FILM CQ92 T 630V 3300PF J
C435
24212101
CERAMIC DISK CK45 B 50V 100PF K
C436
24503041
MT PLA CAP 63V 0.1UF J
C437
24082399
PLASTIC FILM CF92 T 1250VH 1600PF H
C439
24829273
PLASTIC FILM CQ92 T 400V 27000PF J
* C440
24082592
PLASTIC FILM CF92 T 1800VH 1000PF H
* C442
24082648
MT PLA CAP T 400V 304J
* C443
24082606
PLASTIC FILM CF92 T 1800VH 3900PF H
* C444
24082606
PLASTIC FILM CF92 T 1800VH 3900PF H
(36HFX71)
C444
24082599
CF92T3Q202H (32HFX71)
C445
24095740
PLASTIC FILM CF92 T 400V R047UF J
C446
24640020
ELECTROLYTIC CE04Q 250V 33UF M H-R
C448
24640962
CHEMICON 04H 200V 330M
C449
24667471
ELECTROLYTIC, 25V 470UF M 3A
C450
24092344
CERAMIC DISC CK45R 2KV 820PF K
C451
24092344
CERAMIC DISC CK45R 2KV 820PF K
C452
24082597
PLASTIC FILM, 1800VH 1600PF H
C461
24763101
ELECTROLYTIC CE04G 16V 100UF M
C463
24591223
PLASTIC FILM, 50V 0.022MF J
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY
PRECAUTION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not degrade the
safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The PC board assembly with * mark is no longer available after the end of the production.
Model : 36HFX71/32HFX71
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
CHASSIS AND CABINET REPLACEMENT PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com