Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA7009-2ACEZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ Datasheet(HTML) 4 Page - Analog Devices

  ADPA7009-2ACEZ Datasheet HTML 1Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 2Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 3Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 4Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 5Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 6Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 7Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 8Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADPA7009-2
analog.com
Rev. 0 | 4 of 24
SPECIFICATIONS
43 GH
z TO 54 GHz FREQUENCY RANGE
TCASE = 25°C, VDD = 5 V, IDQ = 850 mA, and 50 Ω matched input and output, unless otherwise noted. Adjust VGG from −1.5 V to 0 V to achieve
IDQ = 850 mA typical.
Table 3. 43 GHz to 54 GHz Frequency Range
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
43
54
GHz
GAIN
16.5
dB
Gain Flatness
±1.3
dB
Gain Variation over Temperature
0.055
dB/°C
NOISE FIGURE
7.0
dB
RETURN LOSS
Input
13
dB
Output
12
dB
OUTPUT
Output Power for 1 dB Compression
OP1dB
24.0
dBm
Saturated Output Power
PSAT
25.0
dBm
Output Third-Order Intercept
OIP3
34.0
dBm
POUT per tone = 14 dBm with 1 MHz tone spacing
SUPPLY
Quiescent Drain Current
IDQ
850
mA
Adjust VGG to achieve IDQ = 850 mA typical
Voltage
VDD
3
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com