Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7009-2ACEZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7009-2ACEZ Datasheet HTML 16Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 17Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 18Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 19Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 20Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 21Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 22Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 23Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADPA7009-2
BIASING THE ADPA7009-2 WITH THE HMC980LP4E
analog.com
Rev. 0 | 21 of 24
Figure 69. Application Circuit Using the HMC980LP4E with the ADPA7009-2 (Internal Negative Voltage Source)
Figure 70. Application Circuit Using the HMC980LP4E with the ADPA7009-2 (External Negative Voltage Source)
HMC980LP4E BIAS SEQUENCE
The DC supply sequence described in this section is required to
prevent damage to the HMC980LP4E when using the device to
control the ADPA7009-2.
Power-Up Sequence
The power-up sequence for the HMC980LP4E is as follows:
1. Set VDIG = 3.3 V.
2. Set S0 = 3.3 V.
3. Set VDD = 5.81 V.
4. Set VNEG = −1.5 V (this step is unnecessary if using an
internally generated voltage).
5. Set EN = 3.3 V (the transition from 0 V to 3.3 V turns on VGATE
and VDRAIN).
Power-Down Sequence
The power-down sequence for the HMC980LP4E is as follows:
1. Set EN = 0 V (the transition from 3.3 V to 0 V turns off VDRAIN
and VGATE).
2. Set VNEG = 0 V (this step is unnecessary if using and internally
generated voltage).
3. Set VDD = 0 V.
4. Set S0 = 0 V.
5. Set VDIG = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com